PART |
Description |
Maker |
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
DSEP2X31-03A DSEP2X31-04A DSEP2X31-12A DSEP2X31-06 |
30 A, 300 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 400 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 600 V, SILICON, RECTIFIER DIODE MINIBLOC-4 60 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 HiPerFREDTM Epitaxial Diode with soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC Versatile Miniature Switch, High Performance
|
IXYS, Corp. IXYS CORP
|
FFM202L FFM201L FFM203L FFM204L |
2 A, 400 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere 2 A, 200 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
CMSH3-20MA CMSH3-60MATR13 CMSH3-100MATR13 |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS 3 A, 20 V, SILICON, RECTIFIER DIODE 3 A, 60 V, SILICON, RECTIFIER DIODE 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
EFM201 EFM20106 EFM205-W EFM203-W |
2 A, 150 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER 2 A, 300 V, SILICON, RECTIFIER DIODE, DO-214AA
|
Rectron Semiconductor RECTRON LTD
|
VK848A VK247B VK148 VK148A VK648C |
15 A, 800 V, SILICON, RECTIFIER DIODE 15 A, 200 V, SILICON, RECTIFIER DIODE 5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 15 A, 100 V, SILICON, RECTIFIER DIODE 15 A, 600 V, SILICON, RECTIFIER DIODE
|
MICROSEMI CORP
|
NTE5864 NTE5889 NTE5865 |
Silicon power rectifier diode. Anode to case. Peak reverse voltage 200V. Max forward current 30A. Silicon Power Rectifier Diode, 25 Amp Silicon Power Rectifier Diode 25 Amp Silicon Power Rectifier Diode / 25 Amp
|
NTE[NTE Electronics]
|
|