PART |
Description |
Maker |
ATTINY2313V-10MUR ATTINY2313V-10SUR AT91SAM7A2-AJ |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, MS-013AC, SOIC-20 32-BIT, 30 MHz, RISC MICROCONTROLLER, PQFP176 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDSO20 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
ATMEGA48PA-CCU ATMEGA48PA-CCUR ATMEGA168PA-MU ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA32 4 X 4 MM, 0.60 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, UFBGA-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VHHD-2, MLF-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, GREEN, PLASTIC, DIP-28 MCU AVR 8K ISP FLASH MEM 28-DIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28
|
Atmel, Corp. ATMEL CORP
|
SST89V58RD-33-C-PIE SST89V58RD2-33-C-NJE SST89V58R |
8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 ROHS COMPLIANT, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 ROHS COMPLIANT, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 ROHS COMPLIANT, MS-026ACB, TQFP-44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
Silicon Storage Technology, Inc.
|
SST89E554RC-25-C-NJ SST89E564RD-25-C-NJ SST89E554R |
MCF5445X V4M CORE, MMU, FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU FlashFlex51单片 MCF547X V4ECORE MMU, FPU
|
http:// Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ IS |
ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
ATTINY167-ESMD TS80C32X2-LCBB AT697F-2H-E ATMEGA32 |
8-BIT, FLASH, 16 MHz, MICROCONTROLLER, QCC32 8-BIT, 30 MHz, MICROCONTROLLER, PQCC44 SPECIALTY MICROPROCESSOR CIRCUIT, PBGA349 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC32
|
ATMEL CORP
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
LPC2132FBD64/CP325 LPC2134FBD64/0111 LPC2132FBD64/ |
32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1.40 MM HEIGHT, ROHS COMPLIANT, PLASTIC, MS-026, SOT314-2, LQFP-64 Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC; Package: SOT314-2 (LQFP64); Container: Reel Pack, SMD, 13" 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64
|
NXP Semiconductors N.V.
|
IS89C51-24PL IS89C51-40PQ IS89C51-40WI IS89C51-12P |
8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44
|
Atmel, Corp. INTEGRATED SILICON SOLUTION INC
|
SST89C58RC-40-I-TQJE SST89C58RC-40-I-NJE SST89C58R |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, QCC40 6 X6 MM, ROHS COMPLIANT, MO-220IWJJD-5, WQFN-40 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 ROHS COMPLIANT, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 ROHS COMPLIANT, MS-026ACB, TQFP-44
|
NXP Semiconductors N.V. Silicon Storage Technology, Inc.
|
PIC32MX664F128H PIC32MX664F064H PIC32MX664F064L PI |
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP100 14 X 14 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-100 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-64 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQCC64
|
Microchip Technology Semtech, Corp.
|
|