PART |
Description |
Maker |
DB04512011KVP500PF/-10R42 DB04512011KVP400PF/-10R4 |
1 FUNCTIONS, 11000 V, 50 A, FEED THROUGH CAPACITOR CERAMIC PACKAGE-2
|
Vishay Beyschlag VISHAY DRALORIC
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
FDS4672AL86Z |
11000 mA, 40 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
CH-132 |
20 dB BiDirectional Coupler 11000 MHz 20分贝双向耦合1000兆赫
|
ZETTLER electronics GmbH
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
XP1006-BD-00V |
8500 MHz - 11000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER
|
MIMIX BROADBAND INC
|
ADP5585 |
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
|
Analog Devices
|
XP1006-FA-0N00 |
8500 MHz - 11000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER ROHS COMPLIANT, LCC-10
|
M/A-COM Technology Solutions, Inc.
|
YR2C2-104H YR1B2-502H YR2C2-502H YR2C2-153H YS2C2- |
1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR
|
AVX, Corp.
|
500X07NW101MV4T 500X07NW152MV4T 500X07NW222MV4T 50 |
1 FUNCTIONS, 50 V, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0402, 3 PIN 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
Vicor, Corp.
|
DWA04515016KVP500PF/-10R42 DF04512013KVP500PF/-10R |
1 FUNCTIONS, 16000 V, 10 A, FEED THROUGH CAPACITOR CERAMIC PACKAGE-2 1 FUNCTIONS, 13000 V, 10 A, FEED THROUGH CAPACITOR CERAMIC PACKAGE-2 1 FUNCTIONS, 7000 V, 8 A, FEED THROUGH CAPACITOR
|
Vishay Beyschlag VISHAY DRALORIC
|
|