PART |
Description |
Maker |
AD5543 AD5543BRM AD5553CRM-REEL7 AD5553CRMZ AD5553 |
14-Bit DAC in SOIC-8 Package 16-Bit DAC in µSOIC-8 Package 14-Bit DAC in µSOIC-8 Package 16-Bit DAC in SOIC-8 Package Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:13-4 Current Output/ Serial Input/ 16-/14-Bit DAC
|
Analog Devices, Inc.
|
AD7835AP AD7835AS AD7834BN AD7835 AD7834AR |
14-Bit Quad DAC(14浣??D/A杞???? LC2MOS Quad 14-Bit DAC 2.35V-5.25V, 12 bit, 1MSPS, Serial ADC 6-SC70 -40 to 125 QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 14-BIT DAC, PDIP28 LC2MOS Quad 14-Bit DAC
|
http:// Analog Devices, Inc.
|
MX7535JP-T MX7537JCWG-T MX7524UQ/883B MX7533LEPE M |
Microprocessor-Compatible, 14-Bit DACs PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24 Improved MX7524 PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 CMOS, Low-Cost, 10-Bit Multiplying D/A Converter PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PQCC20 PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, UUC27
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
LPC2368FB100 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC 单芯6-bit/32-bit微控制器,高12的ISP /国际检察官联合会,以太网,USB 2.0,CAN10 kB闪存位的ADC / DAC
|
NXP Semiconductors N.V.
|
AD1833AAST-REEL AD1833ACST-REEL EVAL-AD1833AEB AD1 |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 24-Bit, 192 kHz, DAC SERIAL INPUT LOADING, 24-BIT DAC, PQFP48 Multichannel, 24-Bit, 192 kHz, DAC
|
Analog Devices, Inc.
|
AD7545 AD7545AQ AD7545BQ AD7545CQ AD7545GCQ AD7545 |
CMOS 12-Bit Buffered Multiplying DAC CMOS 12-Bit Buffered Multiplying DAC With Onboard Data Latches CMOS 12-Bit Buffered Multiplying DAC PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP20
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AK4392 AK4392EQ AKD4392 |
High Performance 120dB Premium 32-Bit DAC SERIAL, PARALLEL, WORD INPUT LOADING, 32-BIT DAC, PQFP44
|
Asahi Kasei Microsystems
|
LTC1669 1669F LTC1669-1CS5 LTC1669CS5 LTC1669IMS8 |
Replaced by TLV5617A : 10-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Simultaneous Update, Low Power 8-SOIC 0 to 70 10-Bit Rail-to-Rail Micropower DAC with I2C Interface From old datasheet system 10-Bit Rail-to-Rail Micropower DAC with I²C Interface; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO5
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
CS4391-KZ |
24-Bit / 192 kHz Stereo DAC with Volume Control RECT SCHOTTKY 100V 3A POWERMITE3 SERIAL INPUT LOADING, 24-BIT DAC, PDSO20
|
Cirrus Logic, Inc.
|
|