PART |
Description |
Maker |
IDT71V416YS15YGI IDT71V416YS IDT71V416YL10BEG IDT7 |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
UPD424800G5-10-7JD UPD424800G5-10-7KD UPD424800V-8 |
256K (32K x 8) Static RAM 8K x 8 Static RAM RoboClock® High-speed Multi-phase PLL Clock Buffer x8 Fast Page Mode DRAM x8快速页面模式的DRAM
|
NEC TOKIN, Corp.
|
IDT70T633S12BCI IDT70T633S15BF IDT70T633S15BFI IDT |
HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 10 ns, PBGA256 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 高.5V12/256K.3V 5011 2.5V的接口18 ASYNCHRONO美国双端口静态RAM JFET-Input Operational Amplifier 8-SOIC 0 to 70 256K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 8 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 WRISTBAND, ELASTIC, ADJUSTABLE 4MM RoHS Compliant: NA High-speed 2.5V 512 x 18 asynchronous dual-port static RAM, 15ns
|
Integrated Device Technology, Inc. IDT
|
P4C1026-25J4C P4C1026-15CC P4C1026-15CI P4C1026-15 |
ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM 256K X 4 STANDARD SRAM, 20 ns, PQCC28 ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM 256K X 4 STANDARD SRAM, 35 ns, PQCC32 ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM 256K X 4 STANDARD SRAM, 35 ns, PQCC28 ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM 256K X 4 STANDARD SRAM, 20 ns, PDIP28 ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM 256K X 4 STANDARD SRAM, 35 ns, PDIP28 ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM 256K X 4 STANDARD SRAM, 35 ns, PDSO28 ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM 256K X 4 STANDARD SRAM, 20 ns, PDSO28
|
Pyramid Semiconductor, Corp. Pyramid Semiconductor Corporation Pyramid Semiconductor C...
|
CY7C1034DV33-8BGXC |
6-Mbit (256K X 24) Static RAM 256K X 24 STANDARD SRAM, 8 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1041D-12ZSXE |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
IS61LPS51218A IS61LPS51218A12 IS64LPS25636A IS61LP |
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution, Inc
|