PART |
Description |
Maker |
27230B272JO0 27230B302JO0 27230B332JO0 27230B362JO |
High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.75 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
2MBI150PC-140 |
Silver Mica Capacitor; Capacitance:33pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No IGBT MODULE ( P-Series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
V802ME06 |
Silver Mica Capacitor; Capacitance:4700pF; Capacitance Tolerance: /- 5%; Series:CMR; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.9mm; Leaded Process Compatible:No RoHS Compliant: No 压控振荡 VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc. ZCOMM[Z-Communications, Inc]
|
MT2LDT432HG-6X MT2LDT432HG-5X MT4LDT832HG-5XS MT2L |
SMALL-OUTLINE DRAM MODULE 小外形DRAM模块 Silver Mica Capacitor; Capacitance:1200pF; Capacitance Tolerance: 5%; Series:CDV30; Voltage Rating:1500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No 小外形DRAM模块
|
Micron Technology, Inc.
|
Q62702-P128 SFH205 SFH206 SFH206F Q62702-P102 |
Silver Mica Capacitor; Capacitance:50pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:Yes RoHS Compliant: Yes Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter Silizium Fotodiode麻省理工Tageslichtsperrfilter硅的PIN光电二极管与日光过滤
|
Siemens Semiconductor Group Infineon SIEMENS AG
|
DDTD143TC DDTD143EC DDTD143EC-7 DDTD123EC DDTD123E |
From old datasheet system NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silver Mica Capacitor; Capacitance:10pF; Capacitance Tolerance: 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
TQ2-L-12V TQ2-L-3V TQ2-L-4.5V TQ2-L-5V TQ2-L-6V TQ |
CONNECTOR ACCESSORY 连接器附 LOW PROFILE 2 FORM C RELAY 低收 Form C继电 LOW PROFILE 2 FORM C RELAY 低收2 Form C继电 Silver Mica Capacitor; Capacitance:220pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: /- 2%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
YEONHO Electronics Co., Ltd. Panasonic, Corp. Advanced Analogic Technologies, Inc. NAIS[Nais(Matsushita Electric Works)] ETC Matsushita Electric Works(Nais)
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
UC55 |
Chip Mica Capacitor 5.7x5 size
|
Soshin
|
CAT34AC02JA CAT34AC02ZI-TE13 CAT34AC02 CAT34AC02JA |
Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:24; Connector Shell Size:24; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Pin; Gender:Female Silver Mica Capacitor; Capacitance:4300pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:2000VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No MB 55C 55#20 SKT RECP 2K-Bit SMBus EEPROM for ACR Card Configuration K位的SMBus对于ACR卡的EEPROM配置 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% K位的SMBus对于ACR卡的EEPROM配置 Mounting Bracket; Body Material:Plastic; Color:Black; Outer Diameter:2.063" RoHS Compliant: Yes K位的SMBus对于ACR卡的EEPROM配置
|
http:// CATALYST[Catalyst Semiconductor] Honeywell International, Inc. KEMET Corporation
|
BL-XA1361-F7 BL-XF0361-F7 BL-XJB361-F7 BL-XJD361-F |
AXIAL LED LAMPS WITH GULL WING LEAD 轴向LED节能灯带鸥翼 Rotary Switch; Contact Current Max:6A; No. of Poles:4; No. of Switch Positions:3; Indexing:30 ; Switch Terminals:Solder Lug RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:33pF; Capacitance Tolerance: /- 5%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:Yes RoHS Compliant: Yes D-Subminiature Connector; No. of Contacts:9; D Sub Shell Size:DB9; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Yellow Stone, Corp. 早安股份有限公司 Yellow Stone Corp
|
CDA15FD101JO3FXBC |
CAPACITOR, MICA, 500 V, 0.0001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Cornell Dubilier Electronics, Inc.
|