PART |
Description |
Maker |
FS6S1265RB FS6S FS6S0965RT FS6S1265RE-YDTU FS6S126 |
Fairchild Power Switch(FPS) 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LT3689HMSEPBF |
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer; Package: 16-MSOP; Temperature Range: –40°C to 150°C 1.95 A SWITCHING REGULATOR, 2160 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
MAX778LCSA-T |
1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM INTEGRATED PRODUCTS INC
|
KA3S0765RF-YDTU KA3S0765R KA3S0765RF-TU KA3S0765R- |
Fairchild Power Switch(SPS) 28 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX15014AATX |
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators 2.6 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, QCC36
|
Maxim Integrated Products, Inc.
|
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
LTC3601EUDPBF |
1.5A, 15V Monolithic Synchronous Step-Down Regulator; Package: 16-QFN; Temperature Range: –40°C to 125°C 2.8 A SWITCHING REGULATOR, 4600 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
LTC3548AEDDTRPBF LTC3548AIDDTRPBF |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
S-8353J33MC-IYST2U S-8353J25MC-IYK-T2G S-8353H30MC |
SWITCHING REGULATOR, 287.5 kHz SWITCHING FREQ-MAX, PDSO5 HALOGEN AND LEAD FREE, SOT-23, 5 PIN 0.3 A SWITCHING REGULATOR, 287.5 kHz SWITCHING FREQ-MAX, PDSO5 LEAD FREE, SOT-23, 5 PIN 0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PSSO3 0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO3
|
Everlight Electronics Co., Ltd. Vicor, Corp.
|
LT1269CSWTRPBF LT1268CQPBF LT1176CSWTR |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 4 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 7.5 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSSO5 Step-Down Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3971IMSEPBF LT3971IMSETRPBF LT3971EMSETRPBF LT39 |
38V, 1.2A, 2MHz Step-Down Regulator with 2.8µA Quiescent Current, MSOP, 10 Pins, Temperature Range: –40°C to 125°C 3 A SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PDSO10 38V, 1.2A, 2MHz Step-Down Regulator with 2.8µA Quiescent Current, MSOP, 10 Pins, Temperature Range: –40°C to 125°C, Tape and Reel 3 A SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PDSO10 38V, 1.2A, 2MHz Step-Down Regulator with 2.8µA Quiescent Current, DFN, 10 Pins, Temperature Range: –40°C to 125°C, Tape and Reel 3 A SWITCHING REGULATOR, 2400 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
|