PART |
Description |
Maker |
IS61LV632A IS61LV632A-4PQ IS61LV632A-4TQ IS61LV632 |
32K X 32 CACHE SRAM, 5 ns, PQFP100 32K X 32 CACHE SRAM, 6 ns, PQFP100 x32 Fast Synchronous SRAM X32号,快速同步SRAM 32K x 32 SYNCHRONOUS FAST STATIC RAM
|
INTEGRATED SILICON SOLUTION INC Xilinx, Inc. Integrated Silicon Solution, Inc
|
CY7C1399B-15ZXC CY7C1399B-15ZXI CY7C1399B-15VXC CY |
32K X 8 CACHE SRAM, 20 ns, PDSO28 32K X 8 CACHE SRAM, 12 ns, PDSO28 256K(32K x 8) Static RAM
|
CYPRESS SEMICONDUCTOR CORP http://
|
CY7C1399B-15ZC CY7C1399B-15ZI CY7C1399BL-10VC CY7C |
32K x 8 3.3V Static RAM 32K X 8 CACHE SRAM, 10 ns, PDSO28 32K X 8 CACHE SRAM, 20 ns, PDSO28
|
http:// CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1218F CY7C1218F-133AC |
32K X 36 CACHE SRAM, 4 ns, PQFP100 1-Mb (32K x36) Pipelined Sync SRAM
|
CYPRESS SEMICONDUCTOR CORP
|
IDT71V433S11PFI |
x32 Fast Synchronous SRAM 32K X 32 CACHE SRAM, 11 ns, PQFP100
|
Integrated Device Technology, Inc.
|
M62940AQ11TR |
32K X 9 CACHE SRAM, 11 ns, PQCC44
|
STMICROELECTRONICS
|
PDM44528S10JITR |
32K X 18 CACHE SRAM, PQCC52
|
|
CY7C1399-15VC |
32K X 8 CACHE SRAM, 15 ns, PDSO28
|
CYPRESS SEMICONDUCTOR CORP
|
QS83283-30P |
32K X 8 CACHE TAG SRAM, 30 ns, PDIP28
|
QUALITY SEMICONDUCTOR INC
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|