PART |
Description |
Maker |
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
2SC4634LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4631LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 300mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FAN7081MXGF085 FAN7081GF085 FAN7081MGF085 |
The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
|
Fairchild Semiconductor
|
KSC2335F KSC2335 |
High Speed/ High Voltage Switching High Speed, High Voltage Switching NPN Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
2N3725 |
HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
|
Seme LAB
|
DPPS16D56K-F DPPS10D12K-F DPPS10D15K-F DPPS10D18K- |
High Voltage, High Frequency, Ultra High Peak Currents
|
Cornell Dubilier Electr... http:// Cornell Dubilier Electronics
|
LTC4440-5-15 |
High Speed, High Voltage, High Side Gate Driver
|
Linear Technology
|
2SA1871 2SA1871-GA1-AZ |
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 进步党三重扩散硅晶体管高速高压开 1 A, 600 V, PNP, Si, POWER TRANSISTOR High-speed high-voltage switching PNP 3-diffusion trans
|
NEC, Corp. NXP Semiconductors N.V. NEC[NEC]
|