PART |
Description |
Maker |
DMMT3906 DMMT3906-7 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
PMBT3946VPN |
40 V, 200 mA NPN/PNP switching transistor 40 V, 200 mA NPN-PNP switching transistor 200 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
CMNT3904E CMNT3904E10 CMNT3906E CMNT3904E-15 |
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1 X 0.80 MM, 0.50 MM HEIGHT, ULTRA SMALL, FEMTOMINI-5
|
Central Semiconductor Corp Central Semiconductor, Corp. Central Semiconductor C...
|
CMUT3906TR CMUT3904BK |
200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
CENTRAL SEMICONDUCTOR CORP
|
BCW61C-TAPE-13 |
200 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP SEMICONDUCTORS
|
2N4126J05Z |
200 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
FAIRCHILD SEMICONDUCTOR CORP
|
PH5415 |
1000 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP SEMICONDUCTORS
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
BCX71GT216 BCX70GT216 BC858CT216 BC847CT216 |
200 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 200 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
SST4400T216 MMST7157T247 |
600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|