PART |
Description |
Maker |
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
IST110A-6 ISTF160-5F35 ISTF160-3F35 IST85-13 IST85 |
175 A, 600 V, SCR 355 A, 500 V, SCR 355 A, 300 V, SCR 175 A, 1300 V, SCR 175 A, 300 V, SCR 355 A, 200 V, SCR 355 A, 1000 V, SCR
|
|
P425 P432 |
44 A, 1200 V, SCR Silicon Controlled Rectifier, 44 A, 600 V, SCR
|
VISHAY SEMICONDUCTORS
|
CS223-4N CS223-4M |
4.0 AMP SCR 600 THRU 800 VOLTS 4 A, 800 V, SCR SMD SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BT169B BT169G BT169 BT169D BT169G112 BT169G126 |
Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 600 V; Package: SOT54 (TO-92); Container: Ammo pack axial radial taped 0.8 A, 600 V, SCR, TO-92 Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 600 V; Package: SOT54 (TO-92); Container: Bulk pack 0.8 A, 600 V, SCR, TO-92
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
IRKHF200-02GPS20 IRKHF200-04CPS20 IRKHF200-02CPS20 |
314 A, 200 V, SCR 314 A, 400 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 282.6 A, 1200 V, SCR 282.6 A, 200 V, SCR 282.6 A, 600 V, SCR 282.6 A, 1000 V, SCR
|
Cooper Bussmann, Inc.
|
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
2N6404-AD 2N6400-BV 2N6403-AF 2N6405-AJ |
16 A, 600 V, SCR, TO-220AB 16 A, 50 V, SCR, TO-220AB 16 A, 400 V, SCR, TO-220AB 16 A, 800 V, SCR, TO-220AB
|
MOTOROLA INC
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
FS0201BN FS0201DN FS0201MN FS0201NN FS0204DN FS020 |
200 V, surface mount SCR 400 V, surface mount SCR 600 V, surface mount SCR 800 V, surface mount SCR
|
Fagor
|
IR255SG06H |
600 V, SCR
|
VISHAY INTERTECHNOLOGY INC
|
|