PART |
Description |
Maker |
STP150NF55 STB150NF55 STW150NF55 STB150NF55T4 |
N-CHANNEL 55V - 0.005 OHM -120A D2PAK/TO-220/TO-247 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 OHM -120A D2PAK/TO-220/TO-247 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D?PAK/TO-220/TO-247 STripFET⑩ II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A DPAK/TO-220/TO-247 STripFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D2PAK/TO-220/TO-247 STripFET?/a> II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D2PAK/TO-220/TO-247 STripFET II POWER MOSFET N-CHANNEL 55V - 0.005 ohm -120A D??AK/TO-220/TO-247 STripFET??II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] ??????浣?
|
STB80NF55-06T4 STB80NF55-06 |
80 A, 55 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-CHANNEL 55V - 0.005 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
WSR2 WSR25L000FEA WSR21R000FTA WSR25L000FEK WSR2R0 |
Power Metal Strip? Resistors, Low Value (down to 0.001 ?, Surface Mount Power Metal Strip Resistors, Low Value (down to 0.001 ?, Surface Mount Metal Strip/Wire Resistor, RESISTOR, CURRENT SENSE, METAL STRIP, 2 W, 1 %, 110 ppm, 0.005 ohm, SURFACE MOUNT, 4527, CHIP, GREEN 2W,.02,1%,T/R - Tape and Reel
|
Vishay Siliconix Vishay Dale
|
HUFA75829D3S HUFA75829D3 HUFA75829D3ST |
18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs 18A, 150V, 0.110 Ohm, N-Channel, UltraFETPower MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
STS3C2F100 |
N-CHANNEL 100V - 0.110 OHM - 3A SO-8 P-CHANNEL 100V - 0.320 OHM - 1.5A SO-8 COMPLEMENTARY PAIR STripFET POWER MOSFET
|
ST Microelectronics
|
SUM110N04-04-E3 |
110 A, 40 V, 0.0035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
VISHAY SILICONIX
|
IXFK110N20 |
110 A, 200 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
IXYS CORP
|
FDD6670AL FDD6670ALNL |
30V N-Channel PowerTrench MOSFET 84 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
NP110N04PUG-AZ |
110 A, 20 V, 0.0018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TO-263, MP-25ZP, 3 PIN
|
Cypress Semiconductor, Corp.
|
NP110N055PUG-AZ |
110 A, 55 V, 0.0028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TO-263, MP-25ZP, 3 PIN
|
Cypress Semiconductor, Corp.
|
|