PART |
Description |
Maker |
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
ST333C..CSERIES 2694 ST333C04CFM0 ST333C08CFM0 ST3 |
800V435A逆变晶闸管采用TO - 200AB(电子北辰)封装 INVERTER GRADE THYRISTORS From old datasheet system 400V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package 800V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package Silicon Controlled Rectifier, 1435 A, 800 V, SCR, TO-200AB, METAL CASE WITH CERAMIC INSULATOR, EPUK-3
|
International Rectifier Vishay Semiconductors
|
ST223C04CFN0 ST223C08CFN0 ST223C04CFL0 ST223C04CDP |
745 A, 400 V, SCR, TO-200AB MAX 3000A CPLD 64 MC 100-TQFP 400V 745A逆变晶闸管采用TO - 200AB(甲,北辰)封装 800V 745A Inverter Thyristor in a TO-200AB (A-Puk) package 400V 745A Inverter Thyristor in a TO-200AB (A-Puk) package
|
OKI SEMICONDUCTOR CO., LTD. International Rectifier
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
BT151-500R |
Planar passivated SCR (Silicon Controlled Rectifier) in a SOT78 plastic package. SCR, 12 A, 15mA, 500 V, SOT78
|
NXP Semiconductors
|
SD703C12S20L SD703C16S20L |
DIODE 700 A, 1600 V, SILICON, RECTIFIER DIODE, DO-200AB, BPUK-2, Rectifier Diode 1200V Fast Recovery Diode in a DO-200AB (B-Puk) package
|
Vishay Semiconductors International Rectifier
|
BT152-500RT |
SCR, 20 A, 32 mA, 500 V, SOT78
|
NXP Semiconductors
|
5P6M 2P4M 2P5M 2P6M 2P4M-YB-AZ 2P4M-YC-AZ 2P4M-AY- |
2A PLASTIC MOLDED THYRISTOR 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 500 V, SCR PLASTIC PACKAGE-3
|
NEC[NEC] NEC Corp. Ironwood Electronics
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
TGF148-600B TGF148-1200B TGF148-800B TGF148-1000B |
63 A, 600 V, SCR, TO-65 63 A, 1200 V, SCR, TO-65 63 A, 800 V, SCR, TO-65 63 A, 1000 V, SCR, TO-65
|
ST Microelectronics
|
|