PART |
Description |
Maker |
SST25VF040-20-4C-S2AE SST25VF020-20-4C-SAE SST25VF |
4M X 1 FLASH 2.7V PROM, PDSO8 4 Mbit Uniform Sector, Serial Flash Memory 4M X 1 FLASH 2.7V PROM, DSO8
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
M25P20-VMS6TP M25P20-VMS6P M25P20-VMS6G M25P20-VMS |
FLASH 2.7V PROM, DSO8 6 X 5 MM, ROHS COMPLIANT, VFQFPN-8
|
Numonyx Asia Pacific Pte, Ltd.
|
M25P40-VMS6G |
FLASH 2.7V PROM, DSO8 6 X 5 MM, ROHS COMPLIANT, MLP-8
|
Numonyx Asia Pacific Pte, Ltd.
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
AT45DB081B-TC-2.5 AT45DB081B-TI AT45DB081B-RI-2.5 |
IC DATAFLASH 8MBIT COMM 8CASON 1081344 X 8 FLASH 2.7V PROM, DSO8
|
聚兴科技股份有限公司 Atmel, Corp.
|
JS48F4400P0VB00 PF48F2000P0ZBQ0A JS28F128P30B85B P |
32M X 16 FLASH 1.8V PROM, 95 ns, PDSO56 14 X 20 MM, LEAD FREE, TSOP-56 4M X 16 FLASH 1.8V PROM, 88 ns, PBGA88 8 X 10 MM, 1.20 MM HEIGHT, LEAD FREE, SCSP-88 8M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64
|
Numonyx Asia Pacific Pte, Ltd.
|
PA28F008SC-90 E28F008SC-150 PA28F008SC-170 |
1M X 8 FLASH 3.3V PROM, 90 ns, PDSO44 13.30 X 28.20 MM, PLASTIC, SOP-44 1M X 8 FLASH 3.3V PROM, 150 ns, PDSO40 1M X 8 FLASH 3.3V PROM, 170 ns, PDSO44
|
Intel, Corp. INTEL CORP
|
S25FL128P0XNFI001 S25FL128P0XMFI013 S25FL128P0XNFI |
128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus 16M X 8 FLASH 3V PROM, DSO8 128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus 16M X 8 FLASH 3V PROM, PDSO16
|
Spansion, Inc. SPANSION LLC
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
M29F200FB55N6F2 M29F800FB55N3F2 M29F800FB55N3S2 M2 |
128K X 16 FLASH 5V PROM, 55 ns, PDSO48 512K X 16 FLASH 5V PROM, 55 ns, PDSO48 1M X 16 FLASH 5V PROM, 55 ns, PDSO48 128K X 16 FLASH 5V PROM, 55 ns, PDSO44 256K X 16 FLASH 5V PROM, 55 ns, PDSO48
|
NUMONYX
|
S29GL032N90FAI033 S29GL032N90BAI043 S29GL032N70TAI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 90 ns, PBGA64 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 90 ns, PBGA48 2M X 16 FLASH 3V PROM, 70 ns, PDSO56 2M X 16 FLASH 3V PROM, 90 ns, PDSO56 2M X 16 FLASH 3V PROM, 70 ns, PBGA64 2M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
|