PART |
Description |
Maker |
XS1LES050Y WR2XEB050H XS1LEB104Z XS1LES104H XS1LEB |
1 FUNCTIONS, 200 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 2.5 A, DATA LINE FILTER 1 FUNCTIONS, 400 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 2.5 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 15 A, DATA LINE FILTER
|
AVX, Corp. AVX CORP
|
500X07NW101MV4T 500X07NW152MV4T 500X07NW222MV4T 50 |
1 FUNCTIONS, 50 V, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0402, 3 PIN 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
Vicor, Corp.
|
CM1690-04DE CM1690-08DE CM1690-06DE |
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection 6 FUNCTIONS, 0.03 A, DATA LINE FILTER LEAD FREE, UDFN-12 8 FUNCTIONS, 0.03 A, DATA LINE FILTER
|
ON Semiconductor
|
HM67 HM67-B110 HM67-B110LFTR13 HM67-B5R0 HM67-B5R0 |
2 FUNCTIONS, 0.5 A, DATA LINE FILTER 2 FUNCTIONS, 0.2 A, DATA LINE FILTER Surface Mount Common Mode Chokes
|
BI TECHNOLOGIES CORP ETC[ETC] List of Unclassifed Manufacturers
|
CM1436-08DE CM1436-08DF CM1436-06DF CM1436-06DE |
4- and 8-Channel EMI Filter Arrays with ESD Protection 6 FUNCTIONS, DATA LINE FILTER LEAD FREE, TDFN-12 6 FUNCTIONS, DATA LINE FILTER TDFN-12
|
ON Semiconductor
|
XD06CJ0121KT5 XD07CF0471F XD07CJ0621KT3 XD07CJ0621 |
1 FUNCTIONS, 500 V, DATA LINE FILTER 1 FUNCTIONS, 200 V, DATA LINE FILTER
|
AVX CORP
|
NFR21GD4701012L NFR21GD4704702L |
EMI FILTER RC 47PF 100 OHM 35MA 50V 0805 1 FUNCTIONS, 50 V, 0.025 A, DATA LINE FILTER 47R-47PF RC FILTER 0805 1 FUNCTIONS, 50 V, 0.035 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
ZS2C2-272H ZS1A2-272H ZS1C2-272H ZS1B2-272H ZS2A2- |
1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER
|
AVX, Corp.
|
4118R-601-250/500L 4118R-601-250/101 4118R-601-250 |
7 FUNCTIONS, 25 V, DATA LINE FILTER ROHS COMPLIANT, DIP-18 7 FUNCTIONS, 25 V, DATA LINE FILTER DIP-18
|
Bourns, Inc.
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
TCM1210G-301-2P TCM1210G TCM1210G-201-2P TCM1210G- |
Common Mode Filters(SMD) For High-speed Differential Signal Line 2 FUNCTIONS, 10 V, 0.05 A, DATA LINE FILTER
|
TDK Electronics
|
|