PART |
Description |
Maker |
MMPQ2907A FFB2907A FFB2907A_1 FMB2907A FMB2907ANL |
PNP Multi-Chip General Purpose Amplifier 600 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
2N4403TAR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N1132 |
600 mA, 35 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
ZETEX PLC
|
2N1132 2N1132-JQR-A |
SILICON PLANAR PNP TRANSISTOR 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
Seme LAB SEMELAB LTD
|
2N2907A JANS2N2906A JANS2N2906AUB JANTX2N2906AUA |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA
|
MICROSEMI CORP
|
2N4403 2N4402 |
Si-Epitaxial PlanarTransistors 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
2N29071ADS-1 2N29071AXC-1 2N29071ADC-1 2N29071ABC- |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor Schottky Rectifier; Current Rating:30A; Leaded Process Compatible:Yes RoHS Compliant: Yes Circular Connector; No. of Contacts:13; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 ER 4C 4#16S PIN PLUG SWITCHING TRANSISTOR PNP SILICON 开关晶体管的新进步党硅
|
MICROSEMI CORP-LOWELL http:// Microsemi Corporation Microsemi, Corp.
|
|