PART |
Description |
Maker |
ISL9R1560G2 ISL9R1560S3S ISL9R1560P2 ISL9R1560S2 I |
15A, 600V StealthDiode 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-262 15A, 600V Stealth Diode 15A/ 600V Stealth Diode 15A, 600V Stealth⑩ Diode 15A, 600V Stealth Single Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
VRPD-15C |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A 非隔离式DC / DC转换3.3V输入/.2V - 2.5V输出/ 15A
|
Bel Fuse, Inc.
|
2SD2537 2SD2171S 2SD2226K 2SD2227S 2SD2351 |
MEDIUM POWER TRANSISTOR(25V, 1.2V), GENERAL PURPOSE TRANSISTOR(50V, 0.15A) 中功率晶体管25V的,1.2伏),通用晶体管(50V.15A
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
6600.3200 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, PLUG
|
SCHURTER AG
|
RURP15100 FN2878 |
15A, 1000V Ultrafast Diode 15 A, 1000 V, SILICON, RECTIFIER DIODE 15A 1000V Ultrafast Diode From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IECB1 IECJ1 |
15A, 250V, FEMALE, MAINS POWER CONNECTOR, SOLDER 15A, 250V, MALE, MAINS POWER CONNECTOR, QUICK CONNECT
|
|
Q67040-S4485 IDB15E60 IDP15E60 Q67040-S4484 |
From old datasheet system Fast Switching EmCon Diode Silicon Power Diodes - 15A EmCon in TO263 Silicon Power Diodes - 15A EmCon in TO220-2
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
CM100BU-12H |
Four IGBTMOD 100 Amperes/600 Volts Toggle Switch; Circuitry:DPST; Switch Operation:On-Off-On; Contact Current Max:15A; Actuator Style:Flat Lever; Switch Terminals:Solder Lug; Current Rating:15A; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes
|
Powerex Power Semicondu... Powerex Power Semiconductors
|
15ETX06S 15ETX06 15ETX06-1 15ETX06FP |
15 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC Hyperfast Rectifier 600V 15A HyperFast Discrete Diode in a TO-220AC package 600V 15A HyperFast Discrete Diode in a TO-262 package 600V 15A HyperFast Discrete Diode in a TO-220 FullPack package
|
IRF[International Rectifier]
|