PART |
Description |
Maker |
CME5V6AENG |
DC-DC Converters : CME Series
|
Shindengen
|
CME3.3V18A |
DC-DC Converters : CME Series
|
Shindengen
|
CME5V10AENG |
DC-DC Converters : CME Series
|
Shindengen
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
TEL5-2423 TEL5 TEL5-1210 TEL5-1211 TEL5-1212 TEL5- |
DC/DC Converters - TEL 5 Series, 5/6 Watt 直流/直流转换电话5系列 / 6瓦特 DC/DC Converters - TEL 5 Series, 5/6 Watt 直流/直流转换电话5系列5 / 6瓦特
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
VI-261-EU-F2 VI-262-CU-F2 VI-260-CU VI-260-CV VI-2 |
DC-DC Converters 50 to 200 Watts The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. Remote sense and current limit The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?/a> component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters.
|
Vicor Corporation
|
MTD4100-8 MTD4100-9 |
(MT Series) DC/DC Converters
|
Astec Standard Power
|
S1-0505ND |
(S1 Series) DC-DC Converters
|
Lifu Electronics
|
SB48U12 |
1 and 2 Watt SB Series DC/DC Converters
|
Reliability
|
EPH1R3035 |
DC-DC Converters : EPH Series
|
Shindengen
|
EPH2R5030 |
DC-DC Converters : EPH Series
|
Shindengen
|
|