PART |
Description |
Maker |
LT1114 LT1114AC LT1114ACN LT1114AM LT1114AMJ LT111 |
Dual/Quad Low Power Precision/ Picoamp Input Op Amps Dual 4-Input Positive-AND Gates 14-SOIC 0 to 70 DUAL OP-AMP, 100 uV OFFSET-MAX, 0.75 MHz BAND WIDTH, PDIP8 Dual/Quad Low Power Precision, Picoamp Input Op Amps 四路低功耗精密,Picoamp输入运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
74AUP2G06GS |
Low-power dual inverter with open-drain output AUP/ULP/V SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
NXP Semiconductors N.V.
|
ISL2815808 ISL28258FUZ-T7 |
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
LT1464A LT1464 146465F LT1464CS8TRPBF |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDSO8 From old datasheet system Dual Low Power 1MHz JFET Input Op Amp
|
Linear Technology, Corp.
|
AD8512ARMZ AD8510ARMZ-REEL AD8510BR AD8510ARZ AD85 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision, Very Low Noise, Low Input Bias Current
|
Analog Devices, Inc.
|
MAX5152BC/D MAX5153BC/D MAX5153BMJE MAX5152BMJE MA |
CAP .039UF 250V PEN FILM 2416 5% DUAL, SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP16 Low-Power / Dual / 13-Bit Voltage-Output DACs with Configurable Outputs TVS BIDIRECT 600W 170V SMB Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
|
Maxim Integrated Products, Inc.
|
AAT4670IKS-B1 AAT4670IHS-T1 AAT4670IHS-B1 AAT4670I |
Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] Dual-Input Dual-Output Load Switches Dual-Input/ Dual-Output Load Switches Dual-Input, Dual-Output Load Switches
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
M38257E8F8 M38257M8-140GP M38254M6-125FP M38254M6- |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER IC LOGIC 1G08 SINGLE 2-INPUT POSITIVE-AND GATE -40 85C SOT-23-5 3000/REEL Low-Power Dual 2-Input Positive-AND Gate 8-DSBGA -40 to 85 Low-Power Dual Bus Buffer Gate With 3-State Outputs 8-DSBGA -40 to 85 (M3825xxxx) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Sem... Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
74AUP2G132GF 74AUP2G132GN |
low-power dual 2-input NAND Schmitt trigger
|
NXP Semiconductors
|
74AUP2G86DC 74AUP2G86GT |
Low-power dual 2-input EXCLUSIVE-OR gate 低功耗双2输入异或
|
NXP Semiconductors N.V.
|
74AUP2G07GW125 |
Low-power dual buffer with open-drain output; Package: SOT363 (SC-88); Container: Tape reel smd, Reverse AUP/ULP/V SERIES, DUAL 1-INPUT NON-INVERT GATE, PDSO6
|
NXP Semiconductors N.V.
|