PART |
Description |
Maker |
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTMD2C02R2 |
Power MOSFET 2 Amps / 20 Volts Power MOSFET 2 Amps, 20 Volts, Complimentary SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTD6N40/D NTD6N40-D |
Power MOSFET 6 Amps, 400 Volts N-Channel DPAK Power MOSFET 6 Amps400 Volts
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTMD6P02R2 NTMD6P02R2-D NTMD6P02 |
Power MOSFET 6 Amps, 20 Volts P?Channel SO, Dual(6A0V,双P沟道SO-8封装的功率MOSFET) Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTD23N03R NTD23N03R-1 NTD23N03R-1G NTD23N03RG NTD2 |
Power MOSFET 23A, 25V, N-Channel DPAK 23 Amps / 25 Volts / N-Channel DPAK 23 Amps, 25 Volts, N−Channel DPAK 23 Amps, 25 Volts, N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTD60N03-1 NTD60N03T4 NTD60N03 |
Power MOSFET 60 Amps, 28 Volts
|
ONSEMI[ON Semiconductor]
|
NVF6P02T3G |
Power MOSFET -10 Amps, -20 Volts
|
ON Semiconductor
|
|