PART |
Description |
Maker |
AM29DL16XC AM29DL164CB80WCI AM29DL164CB120WCE AM29 |
Am29DL16xC - 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only. Simultaneous Operation Flash Memory Am29DL16xC - 16兆位米8 1个M x 16位).0伏的CMOS只。同时作业闪 2M X 8 FLASH 3V PROM, 80 ns, PBGA48 2M X 8 FLASH 3V PROM, 120 ns, PBGA48 2M X 8 FLASH 3V PROM, 90 ns, PBGA48
|
AMIC Technology, Corp. ADVANCED MICRO DEVICES INC
|
GLS37VF040-70-3C-NHE SST37VF020-70-3C-PHE SST37VF0 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 128K X 8 FLASH 2.7V PROM, 70 ns, PDIP32
|
SILICON STORAGE TECHNOLOGY INC
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
M29F200FB55N6F2 M29F800FB55N3F2 M29F800FB55N3S2 M2 |
128K X 16 FLASH 5V PROM, 55 ns, PDSO48 512K X 16 FLASH 5V PROM, 55 ns, PDSO48 1M X 16 FLASH 5V PROM, 55 ns, PDSO48 128K X 16 FLASH 5V PROM, 55 ns, PDSO44 256K X 16 FLASH 5V PROM, 55 ns, PDSO48
|
NUMONYX
|
MBM29LV160BE70TN MBM29LV160BE70TR MBM29LV160BE70PB |
16M (2M X 8/1M X 16) BIT 2M X 8 FLASH 3V PROM, 120 ns, PBGA48 KPT 23C 22#20 1#16 SKT PLUG 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16M (2M X 8/1M X 16) BIT 1M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Central Semiconductor, Corp. Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited.
|
AT49BV4096A AT49BV4096A-12RC AT49BV4096A-12RI AT49 |
LM4250 Programmable Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 LM4308 Mobile Pixel Link Two (MPL-2) - 18-bit CPU Display Interface Master/Slave; Package: MICRO-ARRAY; No of Pins: 49 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AM29SL160CB-90WCC AM29SL160CB-100WCI AM29SL160CB-1 |
1M X 16 FLASH 1.8V PROM, 90 ns, PBGA48 1M X 16 FLASH 1.8V PROM, 100 ns, PBGA48 1M X 16 FLASH 1.8V PROM, 150 ns, PDSO48
|
ADVANCED MICRO DEVICES INC
|
AM29LV800BT90SCB AM29LV800BB70FIB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 512K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV400BT55REC AM29LV400BT70EI AM29LV400BB55REC |
4 Mb (512K x 8, 256K x 16) Boot Sector, Flash Memory 256K X 16 FLASH 3V PROM, 55 ns, PDSO48 IC,FLASH,4MBIT,CMOS,256KX8 256K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
SST39LF160-70-4I-EK SST39VF160-70-4I-EK SST39VF160 |
64 Mbit (x16) Multi-Purpose Flash Plus 1M X 16 FLASH 2.7V PROM, 70 ns, PDSO48 17.5 mm (0.69 inch) General Purpose 8x8 Dot Matrix Alphanumeric Displays 16兆位(x16)的多用途闪 64 Mbit (x16) Multi-Purpose Flash Plus 1M X 16 FLASH 3V PROM, 55 ns, PDSO48 64 Mbit (x16) Multi-Purpose Flash Plus 1M X 16 FLASH 2.7V PROM, 90 ns, PDSO48 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加
|
Silicon Storage Technology, Inc.
|