PART |
Description |
Maker |
M25P10-AVMB6TG/X M25P10-AVMB6P/X |
FLASH 2.7V PROM, DSO8
|
NUMONYX
|
M25P05-AVMP6 M25P05-AVDW6T |
64K X 8 FLASH 2.7V PROM, DSO8 VDFPN-8 64K X 8 FLASH 2.7V PROM, PDSO8
|
ST Microelectronics NUMONYX
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
LE25FU406B ENA1066A LE25FU406BFN |
CMOS IC 4M-bit (512K×8) Serial Flash Memory 512K X 8 FLASH 2.7V PROM, DSO8
|
Sanyo Semicon Device
|
LH28F008SCHB-LF12 LH28F008SCT-LF12 LH28F008SCR-LF8 |
1M X 8 FLASH 2.7V PROM, 120 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO44 SOP-44 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO44 SOP-44 1M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO44 2M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO48 256K X 8 FLASH 5V PROM, 80 ns, PDSO32
|
Sharp Electronics, Corp. SHARP ELECTRONICS CORP
|
MX25L1605ZM MX25L1605ZMC-20 MX25L1605ZMC-20G MX25L |
16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY 16M X 1 FLASH 2.7V PROM, DSO8
|
Macronix International Co., Ltd.
|
NAND256W4A NAND256W3A NAND256R4A NAND256R3A NAND51 |
32M X 16 FLASH 3V PROM, 12000 ns, PDSO48 64M X 8 FLASH 1.8V PROM, 15000 ns, PDSO48 128 MBIT, 256 MBIT, 512 MBIT, 1 GBIT (X8/X16) 1.8V, 3V SUPPLY FLASH MEMORIES 64M X 8 FLASH 3V PROM, 12000 ns, PDSO48 128M X 8 FLASH 3V PROM, 12000 ns, PBGA63
|
STMicroelectronics NUMONYX
|
AS8FLC2M32BP-70/IT 5962-0824504HXC 5962-0824502HXC |
2M X 32 FLASH 3V PROM, 70 ns, CPGA66 HERMETIC SEALED, CERAMIC, HIP-66 2M X 32 FLASH 3V PROM, 70 ns, CQFP68 2M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
Micross Components
|
PA28F008SC-90 E28F008SC-150 PA28F008SC-170 |
1M X 8 FLASH 3.3V PROM, 90 ns, PDSO44 13.30 X 28.20 MM, PLASTIC, SOP-44 1M X 8 FLASH 3.3V PROM, 150 ns, PDSO40 1M X 8 FLASH 3.3V PROM, 170 ns, PDSO44
|
Intel, Corp. INTEL CORP
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
HY27US08561A HY27US16561A HY27SS08561A HY27SS16561 |
256Mbit (32Mx8bit / 16Mx16bit) NAND Flash 32M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, LEAD FREE, FBGA-63 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 20 MM, 1.20 MM HEIGHT, TSOP1-48 32M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, FBGA-63 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, LEAD FREE, USOP1-48 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 16M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 32M X 8 FLASH 3.3V PROM, 30 ns, PBGA63 16M X 16 FLASH 1.8V PROM, 35 ns, PBGA63
|
Hynix Semiconductor, Inc. HYNIX SEMICONDUCTOR INC
|
|