PART |
Description |
Maker |
LC5512MC-75F484I LC5512MC-75F256I LC5512MC-45QN208 |
EE PLD, 9.5 ns, PBGA484 EE PLD, 9.5 ns, PBGA256 EE PLD, 5.7 ns, PQFP208
|
LATTICE SEMICONDUCTOR CORP
|
CY37384P208-154NC |
EE PLD, 7.5 ns, PQFP208 PLASTIC, QFP-208
|
Cypress Semiconductor, Corp.
|
CY37512P208-154NC |
EE PLD, 7.5 ns, PQFP208 PLASTIC, QFP-208
|
Cypress Semiconductor, Corp.
|
CY37256VP256-83BGC VP208-125NI |
FLASH PLD, 19 ns, PBGA256 FLASH PLD, 15 ns, PQFP208
|
CYPRESS SEMICONDUCTOR CORP
|
XC2C384-10FTG256I XC2C384-10PQG208I XC2C384-7FTG25 |
384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 10 ns, PBGA256 384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 10 ns, PQFP208 384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 7.5 ns, PBGA256 384 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 10 ns, PBGA324 XC2C384 CoolRunner-II CPLD
|
Xilinx, Inc. XILINX INC
|
PALCE20RA10H-20JC/4 PALCE20RA10H-20JI/4 PALLV16V8- |
EE PLD, 20 ns, PQCC28 EE PLD, 10 ns, PDIP20 EE PLD, 10 ns, PQCC20 EE PLD, 10 ns, PDIP24 EE PLD, 10 ns, PQCC28 EE PLD, 10 ns, PDSO20 EE PLD, 12 ns, PDIP20 EE PLD, 7.5 ns, PQCC20 EE PLD, 25 ns, PDSO20 EE PLD, 15 ns, PDSO20 EE PLD, 7.5 ns, PDSO20 EE PLD, 25 ns, PQCC20 EE PLD, 25 ns, PDIP24 EE PLD, 10 ns, PDSO24 EE PLD, 7.5 ns, PQFP100 EE PLD, 10 ns, PQFP144 EE PLD, 10 ns, PQFP160 EE PLD, 10 ns, PQFP100 EE PLD, 20 ns, PDIP20
|
Vantis, Corp. VANTIS CORP
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
XC95288XV DS050 XC95288XV-7TQ144I XC95288XV-10CS28 |
High-Performance CPLD From old datasheet system Advance Product Specification D-Subminiature Connector; Gender:Female; No. of Contacts:15; Contact Termination:Through Hole; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash; Mounting Type:Through Hole RoHS Compliant: Yes D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:Crimp; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes LJT 10C 10#20 PIN PLUG DSUB 15 M SOD FLOA G Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No RoHS Compliant: No DSUB B/S DB 90DEG METAL 1 FLASH PLD, 10 ns, PQFP144 DSUB B/S DB STRT METAL 1 FLASH PLD, 10 ns, PQFP208 Plastic Connector Backshell; Enclosure Material:Steel; Enclosure Color:Yellow; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FLASH PLD, 10 ns, PQFP208
|
XILINX[Xilinx, Inc] Xilinx, Inc.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
|