PART |
Description |
Maker |
LC5512MC-75F484I LC5512MC-75F256I LC5512MC-45QN208 |
EE PLD, 9.5 ns, PBGA484 EE PLD, 9.5 ns, PBGA256 EE PLD, 5.7 ns, PQFP208
|
LATTICE SEMICONDUCTOR CORP
|
CY39050Z208-83NTC CY3930V388-83NTC CY39050V484-83N |
Evaluation Board for ADXL346 - 3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer 50 MHz to 4.0 GHz RF/IF Gain Block; Package: 3-pin; Temperature Range: -40°C to 125°C Triple Skew-Compensating Video Delay Line with Analog and Digital Control; Package: 32-LFCSP (5x5mm w/3.5mm exposed pad); Temperature Range: -40°C to 125°C 3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer; Package: 16-LGA; Temperature Range: -40°C to 125°C CPLDs at FPGA Densities CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 8.5 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 7.2 ns, PQFP208 CPLDs at FPGA Densities LOADABLE PLD, 7.2 ns, PBGA256 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA388 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PQFP208 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA256 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA484 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA256
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
ISPLSI6192SM-70LM ISPLSI6192FF-50LM ISPLSI6192SM-5 |
EE PLD, 18 ns, PQFP208 EE PLD, 24.5 ns, PQFP208
|
LATTICE SEMICONDUCTOR CORP
|
CY37512P208-154NC |
EE PLD, 7.5 ns, PQFP208 PLASTIC, QFP-208
|
Cypress Semiconductor, Corp.
|
CY37256VP256-83BGC VP208-125NI |
FLASH PLD, 19 ns, PBGA256 FLASH PLD, 15 ns, PQFP208
|
CYPRESS SEMICONDUCTOR CORP
|
ATF22V10CQZ ATF22V10CQZ-20JC ATF22V10CQZ-20JI ATF2 |
Highperformance EE PLD EE PLD, 15 ns, PDSO24 Highperformance EE PLD EE PLD, 15 ns, PDIP24 Highperformance EE PLD EE PLD, 20 ns, PDSO24 ATF22V10CZ/CQZ [Updated 3/01. 13 Pages] 500 gate high-speed. zero power electrically erasable PLD. 24 pins From old datasheet system
|
Atmel, Corp. ATM Electronic, Corp. Atmel Corp. ATMEL Corporation
|
ISPLSI5256V-100LB208 ISPLSI5256V-100LB272 ISPLSI52 |
In-System Programmable 3.3V SuperWIDE High Density PLD In-System Programmable 3.3V SuperWIDE?/a> High Density PLD EE PLD, 19 ns, PQFP208
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
CY39100V388B-83MGC CY39100V208B-125NTXC CY39050V20 |
Delta39K™ ISR™ CPLDs at FPGA Densities™ LOADABLE PLD, 15 ns, PBGA388 Delta39K™ ISR™ CPLDs at FPGA Densities™ LOADABLE PLD, 10 ns, PQFP208 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PQFP208
|
Cypress Semiconductor, Corp.
|
XC95288XV DS050 XC95288XV-7TQ144I XC95288XV-10CS28 |
High-Performance CPLD From old datasheet system Advance Product Specification D-Subminiature Connector; Gender:Female; No. of Contacts:15; Contact Termination:Through Hole; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash; Mounting Type:Through Hole RoHS Compliant: Yes D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:Crimp; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes LJT 10C 10#20 PIN PLUG DSUB 15 M SOD FLOA G Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No RoHS Compliant: No DSUB B/S DB 90DEG METAL 1 FLASH PLD, 10 ns, PQFP144 DSUB B/S DB STRT METAL 1 FLASH PLD, 10 ns, PQFP208 Plastic Connector Backshell; Enclosure Material:Steel; Enclosure Color:Yellow; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FLASH PLD, 10 ns, PQFP208
|
XILINX[Xilinx, Inc] Xilinx, Inc.
|
MACH111SP-15JC MACH211SP-7VC MACH231SP-10YC |
EE PLD, 15 ns, PQCC44 EE PLD, 12.5 ns, PQFP44 EE PLD, 16 ns, PQFP100
|
VANTIS CORP
|
DS1020S-25 LC4064ZC-5M132C LC4064ZC-75M132C LC4032 |
EE PLD, 5 ns, PBGA132 CSBGA-132 EE PLD, 7.5 ns, PBGA132 CSBGA-132 EE PLD, 7.5 ns, PQFP48 1 MM HEIGHT, TQFP-48 EE PLD, 4.2 ns, PBGA132 CSBGA-132 EE PLD, 5 ns, PBGA256 FTBGA-256 EE PLD, 5 ns, PBGA256 FPBGA-256 EE PLD, 3 ns, PBGA256 FTBGA-256 EE PLD, 7.5 ns, PQFP100 TQFP-100 EE PLD, 3.5 ns, CQFP176 TQFP-176 EE PLD, 10 ns, CQFP176 TQFP-176 EE PLD, 10 ns, PBGA256 FTBGA-256 EE PLD, 3.5 ns, PBGA256 FPBGA-256 EE PLD, 7.5 ns, PBGA256 FTBGA-256 EE PLD, 7.5 ns, CQFP176 TQFP-176 EE PLD, 5 ns, PQFP44 1 MM HEIGHT, TQFP-44 EE PLD, 7.5 ns, PBGA256 FPBGA-256 EE PLD, 3 ns, PQFP100 EE PLD, 7.5 ns, PQFP44 EE PLD, 2.5 ns, PQFP44
|
Maxim Integrated Products Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
|