PART |
Description |
Maker |
STRH100N10FSY302 STRH100N10FSY301 |
48 A, 100 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA ROHS COMPLIANT, HERMETIC SEALED PACKAGE-3
|
ST Microelectronics
|
CE2766 |
6-Channe Audio DAC
|
CEI
|
PHN603S_2 PHN603S118 PHN603S |
TrenchMOS/Schottky diode array Three phase brushless d.c. motor driver From old datasheet system 5.5 A, 25 V, 0.035 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-013AD
|
Philips NXP SEMICONDUCTORS
|
AD9709-EB AD9709AST |
RES 0.01 OHM MAX 25 AMP AXIAL PARALLEL, 8 BITS INPUT LOADING, 0.035 us SETTLING TIME, 8-BIT DAC, PQFP48 8-Bit, 125 MSPS Dual TxDAC D/A Converter
|
Analog Devices, Inc.
|
FDFS6N303 FDFS6N303S62Z |
6 A, 30 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET FETKEY N-Channel MOSFET with Schottky Diode
|
FAIRCHILD SEMICONDUCTOR CORP
|
APT40M35JVR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 400V 93A 0.035 Ohm
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
STD30NF03L-1 STD30NF03L_07 D30NF03L STD30NF03L STD |
30 A, 30 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
SHD225512 |
HERMETIC POWER MOSFET N-CHANNEL 55 A, 100 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Sensitron SENSITRON SEMICONDUCTOR
|
IXFH74N20 IXFT74N20 IXFH68N20 IXFT68N20 |
Discrete MOSFETs: HiPerFET Power MOSFETS High Performance, 145 MHz FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 68 A, 200 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA
|
IXYS[IXYS Corporation] IXYS, Corp.
|
FCB20N60F12 |
600V N-Channe MOSFET 600V, 20A, 190mΩ
|
Fairchild Semiconductor
|
LP25-122-KT151W LP12-112-KT151W LP12-163-KT151W LP |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 1200 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 16000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 5100 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1600 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 150 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 390 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 30 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 33 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.6 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.4 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 3.3 ohm, THROUGH HOLE MOUNT RTD TEMP SENSOR-PLATINUM RESISTOR, TEMPERATURE DEPENDENT, PTC, 75 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 20 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 24 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 82 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 6800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 180 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1800 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 820 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 680 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 22 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 11 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 13 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 56 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 18 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 160 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 68000 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.8 ohm, THROUGH HOLE MOUNT
|
RCD Components, Inc. Golledge Electronics, Ltd. RCD COMPONENTS INC
|
|