PART |
Description |
Maker |
ADP5034 ADP5034-1-EVALZ ADP5034-2-EVALZ ADP5034ACP |
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
|
Analog Devices
|
PE3291 PE3291EK 3291-12 3291-00 3291-11 |
1200 MHz / 550 MHz Dual Fractional-N FlexiPower PLL for Frequency Synthesis 1200 MHz / 550 MHz Dual Fractional-N FlexiPower?/a> PLL for Frequency Synthesis 1200 MHz / 550 MHz Dual Fractional-N FlexiPower⑩ PLL for Frequency Synthesis
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
1214-55 |
55 W, 28 V, 1200-1400 MHz common base transistor 55 Watts - 28 Volts, Pulsed Radar 1200 - 1400 MHz BJT
|
GHZTECH[GHz Technology]
|
DSN-2000A-219 |
50Ω 1200 to 2200 MHz 50楼? 1200 to 2200 MHz
|
Mini-Circuits
|
BL9328 |
1.5 MHz, Dual 800mA Synchronous Buck Converter
|
SHANGHAI BELLING CO., LTD.
|
ADP5023 |
Dual 3 MHz, 800 mA Buck Regulator with One 300 mA LDO
|
Analog Devices
|
CM200DY-24H |
Dual IGBTMOD 200 Amperes/1200 Volts 200 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
XC2VP50 XC2VP70 XC2VP20 XC2VPX20 XC2VP40 XC2VPX70 |
Virtex-II Pro and Virtex-II Pro X Platform FPGAs: Complete Data Sheet 20880 LOGIC CELLS 8 ROCKET IOS 2 POWER P FPGA, 2320 CLBS, 1200 MHz, PBGA1152 20880 Logic Cells 8 Rocket IOs 2 Power P FPGA, 2320 CLBS, 1350 MHz, PBGA1152 11088 LOGIC CELLS 8 ROCKET IOS 1 POWER P FPGA, 1232 CLBS, 1050 MHz, PBGA672 11088 LOGIC CELLS 8 ROCKET IOS 1 POWER P FPGA, 1232 CLBS, 1200 MHz, PBGA672 11088 Logic Cells 8 Rocket IOs 1 Power P FPGA, 1232 CLBS, 1350 MHz, PBGA672 20880 Logic Cells 8 Rocket IOs 2 Power P FPGA, 2320 CLBS, 1050 MHz, PBGA1152 20880 Logic Cells 8 Rocket IOs 2 Power P FPGA, 2320 CLBS, 1350 MHz, PBGA676 20880 LOGIC CELLS 8 ROCKET IOS 2 POWER P FPGA, 2320 CLBS, 1050 MHz, PBGA676 20880 Logic Cells 8 Rocket IOs 2 Power P FPGA, 2320 CLBS, 1350 MHz, PBGA896 11088 LOGIC CELLS 8 ROCKET IOS 1 POWER P FPGA, 1232 CLBS, 1050 MHz, PBGA896 20880 Logic Cells 8 Rocket IOs 2 Power P FPGA, 2320 CLBS, 1200 MHz, PBGA676 11088 LOGIC CELLS 8 ROCKET IOS 1 POWER P FPGA, 1232 CLBS, 1050 MHz, PBGA456 11088 Logic Cells 8 Rocket IOs 1 Power P FPGA, 1232 CLBS, 1200 MHz, PBGA456 20880 LOGIC CELLS 8 ROCKET IOS 2 POWER P FPGA, 2320 CLBS, 1200 MHz, PBGA896 11088 LOGIC CELLS 8 ROCKET IOS 1 POWER P FPGA, 1232 CLBS, 1200 MHz, PBGA896 11088 Logic Cells 8 Rocket IOs 1 Power P FPGA, 1232 CLBS, 1350 MHz, PBGA896 74448 LOGIC CELLS 20 ROCKET IOS 2 POWER - NOT RECOMMENDED for NEW DESIGN FPGA, 2448 CLBS, 1200 MHz, PBGA896 6768 LOGIC CELLS 4 ROCKET IOS 1 POWER PC FPGA, 752 CLBS, 1200 MHz, PBGA256 6768 LOGIC CELLS 4 ROCKET IOS 1 POWER PC FPGA, 752 CLBS, 1050 MHz, PBGA256 99216 Logic Cells 20 Rocket IOs 2 Power FPGA, 11024 CLBS, 1050 MHz, PBGA1696 99216 Logic Cells 20 Rocket IOs 2 Power FPGA, 11024 CLBS, 1200 MHz, PBGA1704 53136 Logic Cells 16 Rocket IOs 2 Power FPGA, 5904 CLBS, 1050 MHz, PBGA1517 XC2VP20-6FFG1152I FPGA, 2320 CLBS, 1200 MHz, PBGA1152 XC2VPX20-5FFG896C - NOT RECOMMENDED for NEW DESIGN 43632 Logic Cells 12 Rocket IOs 2 Power Summary of Features Summary of Features
|
http:// Xilinx, Inc. XILINX INC
|
QBH-174 |
20 MHz - 1200 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
REMEC INC
|
FA4489 |
9 CHANNEL PRESELECTOR ULTRA LOW INTERMODULATION DISTORTION 1 MHZ - 1200 MHZ
|
Aeroflex Circuit Technology
|
QBH-128B |
20 MHz - 1200 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
REMEC INC
|
|