PART |
Description |
Maker |
HER108G-AP HER103G HER107G HER101G |
1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 PLASTIC PACKAGE-2 1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp.
|
FM400109 FM4003-T FM4001-T |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 200 V, SILICON, SIGNAL DIODE, DO-214AC 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
RL153G-F 1N4007GH05 1N4007GH03-2 1N4005GH08 |
1.5 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
RECTRON LTD
|
BC637L34Z BC637D26Z |
NPN Epitaxial Silicon Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
1N4948-T3 |
1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41
|
SENSITRON SEMICONDUCTOR
|
S1MB-13-F S1AB-13-F S1KB-13-F |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE RECTIFIER STANDARD SINGLE 1A 800V 800 30A-ifsm 5uA-ir 1.1V-vf SMB 3K/REEL 1 A, 800 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
RL107V01 RL105N04 |
1 A, 1000 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE
|
DIODES INC
|
US1M-13-F US1A-13-F |
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
GL34A08 GL34J-TP |
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts 0.5 A, 600 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components
|
MUR180 MUR1100 MUR115 MUR120 MUR110 MUR140 MUR105 |
1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
BYV26D-5410/4 BYV26E-5410/4 |
1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AP 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AP
|
Vishay Beyschlag
|
|