PART |
Description |
Maker |
13ML36F1-8S10C 13ML36E1-8S10C 13ML36FB1-8S10C 13ML |
ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 8A, 28VDC, PANEL MOUNT-THREADED
|
|
LA50-S LA50-S_SP1 LA50-S/SP1 |
Current Transducer LA 50-S/SP1 电流互感器洛杉矶50-S/SP1 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor
|
LEM[LEM]
|
53M15-02-1-24N-C 53M15-01-1-24N-C 57HS22-05-1-16N- |
1.125 Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED Multi-Deck Rotary Switches ROTARY SWITCH-2POSITIONS, 3PDT, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, 3P5T, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 5PDT, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 3PDT, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, 3P8T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 7PDT, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED Smallest Diameter Rotary Switch with this Number of Positions and Current Capacity
|
Grayhill, Inc. GRAYHILL INC
|
50P36-01-1-08N 50MP36-01-1-06N 50P36-01-1-07N 50MP |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
04-4431 06-4433 04-4103 04-1104-20 04-3341 |
ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 1.5A, 1VDC, PANEL MOUNT-THREADED ROTARY SWITCH-24POSITIONS, 4P24T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 2A, 2VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-4POSITIONS, 9P4T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED
|
ELMA ELECTRONIC INC
|
RTAC44S02C50NS RTAP3EW12M50NS RTAC3EW12M50NP RTAP3 |
ROTARY SWITCH-2POSITIONS, 4PDT, LATCHED, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, DIRECT AND COMPLEMENT, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-12POSITIONS, DIRECT AND COMPLEMENT, LATCHED, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 3PDT, LATCHED, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, THROUGH HOLE-STRAIGHT
|
C & K COMPONENTS INC
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
A10003RNZG A10003RNZGF A10003RNZGK A10003RSZGE A10 |
ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.35A, 125VDC, PANEL MOUNT-THREADED ROHS COMPLIANT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.35A, 125VDC, THROUGH HOLE-STRAIGHT
|
ITT Interconnect Solutions ITT CANNON
|
VSC210 |
IPMI Baseboard Management Controller Product Brief Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:11; Indexing:30 ; No. of Decks:1; Switch Terminals:Solder Lug; Circuitry:SPDT; Mounting Type:Panel; Switch Features:30 degrees Indexing RoHS Compliant: Yes
|
Vitesse Semiconductor C... Vitesse Semiconductor Corporation.
|
711-4E 111-6E |
Rotary Tap Switch; Contact Current Max:7A; No. of Switch Positions:4; No. of Decks:1; Switch Terminals:Solder Lug/Quick Connect; Circuitry:4PST; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes Rotary Switch; No. of Switch Positions:6; Circuitry:6PST; Contact Current Max:15A; Indexing:30 ; Contact Rating:15A; Leaded Process Compatible:Yes; Mounting Type:Solder Lug; Peak Reflow Compatible (260 C):Yes
|
OHMITE MANUFACTURING CO
|
RC310X-1M3306H1B RC310-1M3306H1B FUJIELECTRICCOLTD |
ROTARY SWITCH-3POSITIONS, LATCHED, PANEL MOUNT ROTARY SWITCH-2POSITIONS, LATCHED, PANEL MOUNT
|
FUJI ELECTRIC CO LTD
|
|