PART |
Description |
Maker |
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
DB107-BP DB105-BP DB101-BP DB104-BP |
RECTIFIER BRIDGE 1A 1000V DB-1 1 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 600V DB-1 1 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 50V DB-1 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 400V DB-1
|
Micro Commercial Components, Corp.
|
MB4S-TP MB6S-TP |
IC RECT BRIDGE 0.5A 600V MBS-1 0.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
GBPC50-02W-G GBPC40-06-G |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LEAD FREE, PLASTIC, GBPC-W, 4 PIN 40 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Sensitron Semiconductor
|
FBI2.5G4S1 FBI2.5J4S1-4 FBI2.5K4S1 FBI2.5D4S1 |
2.5 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 2.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 2.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 2.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
|
RBU1005M-HF |
10 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
3N246-1-E4 3N250-1-E4 |
DIODE 1.5 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE, PLASTIC, KBPM, 4 PIN, Bridge Rectifier Diode 1.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Vishay Semiconductors
|
VUO30-04NO3 MMO74-12IO1 UO20-16NO3 VUO30-06NO3 |
3 PHASE, 37 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 53.38 A, SCR 3 PHASE, 30 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE, 37 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
|