PART |
Description |
Maker |
1MB20-060 |
Potentiometer; Resistance Max:10kohm; Resistance Tolerance: /- 20 %; Power Rating:0.05W; Voltage Rating:50 VAC, 20VDC; Series:PTV111
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
SP3481 SP3485 SP3485CN SP3485CP SP3485EN SP3485EP |
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate Cermet Potentiometer; Resistance Max:10kohm; Resistance Tolerance: /- 10 %; Power Rating:1W; Voltage Rating:350V; Series:149; Temperature Coefficient: /-150 ppm; Resistor Element Material:Cermet; Leaded Process Compatible:Yes
|
SIPEX[Sipex Corporation]
|
SMDCHR0603 SMDCHGR0603 SMDFXXXX SMDCH0603 SMDCH080 |
MINIATURE SMD CHIP INDUCTORS 微型贴片电感 Rheostat; Series:RJS; Power Rating:50W; Resistance Max:2ohm; Terminal Type:Lugs; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Number of Turns:1; Resistance:2ohm ; Sensor Input Type:Inductive; Sensing Range Max:5mm; Sensor Output:NO RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. N.A. ETC[ETC] List of Unclassifed Manufacturers
|
17PCSA104MC19P 17PCSA564MC19P 17PCSA224MC19P 17PCS |
POTENTIOMETER 100K POTENTIOMETER 560K POTENTIOMETER 220K POTENTIOMETER 10K 电位10,000
|
Vector Electronics ?Technology, Inc.
|
ADG1413YRUZ-REEL7 ADG1411 ADG1411YCPZ-500RL7 ADG14 |
2?Max On Resistance, ±15 V/12 V/±5 V iCMOS?/a> Quad SPST Switch 2з Max On Resistance, 【15 V/12 V/【5 V iCMOS⑩ Quad SPST Switch
|
AD[Analog Devices]
|
FDS4080N7 |
RELAY, 4PCO, 12VDC; Configuration, contact:4PCO; Voltage, contact DC max:30V; Voltage, coil DC nom:12V; Current, contact AC max:5A; Current, contact DC max:5A; Voltage, contact AC max:250V; Resistance, coil:160R; Material, RoHS Compliant: Yes 40V N-Channel FLMP PowerTrench MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
2SK3367 |
Low on-resistance RDS(on)1 = 9.0 m MAX. (VGS = 10 V, ID = 18 A)
|
TY Semiconductor Co., Ltd
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
2SK3402 |
Low on-resistance RDS(on)1 =15 m MAX. (VGS = 10 V, ID = 18A)
|
TY Semiconductor Co., Ltd
|
EG1218 P040040 |
CONTACT RESISTANCE: 50MILLI-OHMS Max All Dimension In MM
|
E-SWITCH
|
2SK3365 |
Super low on-state resistance: RDS(on)1 = 14 m MAX. (VGS = 10 V, ID = 15 A)
|
TY Semiconductor Co., Ltd
|