PART |
Description |
Maker |
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
1.5KE160A 1.5KE75 1.5KE180 1.5KE33A 1.5KE8.2 1.5KE |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diotec Semiconductor AG http:// DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
SMC33CA SMC33C SMC9.1CA SMC10 SMC10C SMC10CA SMC11 |
Heat Sink; Package/Case:TO-220; Thermal Resistance:32 C/W; Mounting Type:Through Hole; Length:19.05mm; Height:6.35mm; Width:13.21mm; Diameter:3.81mm HEATSINK TO-220 2.5W BLK W/PINS 表面贴装单向和双向瞬态电压抑制器 SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 表面贴装单向和双向瞬态电压抑制器 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Lite-On Technology Corp... LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON SEMICONDUCTOR CORP ???绉???′唤??????
|
HSMCG95AH2 HSMCG95AH1 HSMCG95AH3 HSMCG13CAH1 HSMCG |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED PACKAGE-2 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
1N6061B |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
CRYDOM CORP
|
1N6126AUS JAN1N6162US |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
1.5SMC480CA/51 1.5SMC480CA/9A |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
VISHAY SEMICONDUCTORS
|
1.5KE150CA-13 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
DIODES INC
|
1.5KE18A-A 1.5KE11C-A 1.5KE15C-A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
DIODES INC
|
1.5SMC68A-E3/57T 1.5SMC540A-E3/57T 1.5SMC480CAHE3/ |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
VISHAY SEMICONDUCTORS
|
MQSMCG13CATR MQSMCG7.5A MQSMCG7.5AE3TR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
MICROSEMI CORP-SCOTTSDALE
|
1.5KE18A-TP 1.5KE91A-TP 1.5KE51CA-TP 1.5KE100-TP 1 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE
|
MICRO COMMERCIAL COMPONENTS
|
|