PART |
Description |
Maker |
CA206.8PF/-1PF500V CA204.7PF/-1PF500V CA131470PF/- |
CAPACITOR, MICA, 500 V, 0.0000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 500 V, 0.0000047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 250 V, 0.00047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 63 V, 0.001 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 250 V, 0.0000068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 300 V, 0.0001 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 250 V, 0.0000047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 250 V, 0.00068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, MICA, 63 V, 0.0000068 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Lattice Semiconductor, Corp. TE Connectivity, Ltd. ITT, Corp. Bel Fuse, Inc. IRC Advanced Film Electronic Theatre Controls, Inc.
|
27230B272JO0 27230B302JO0 27230B332JO0 27230B362JO |
High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.75 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
CWB201 CWB201CP CWB201CY XCWB201 |
Silver Mica Capacitor; Capacitance:470pF; Capacitance Tolerance: /- 2%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 100MHz CMOS/DMOS Wideband Quad Analog Switch
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
MCH38FM560J MCHN38FM560J |
MICA CHIP CAPACITANCE=56 VOLT=4000 CAPACITOR, MICA, 4000 V, 0.000056 uF, SURFACE MOUNT, 3838
|
Cornell Dubilier Electronics, Inc.
|
D2MC D2MC-5HL D2MC-01E D2MC-01EL D2MC-01F D2MC-01F |
Low-torque Basic Switch Silver Mica Capacitor; Capacitance:120pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No MICA RoHS Compliant: No Silver Mica Capacitor; Capacitance:150pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:390pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
http:// OMRON[Omron Electronics LLC] ETC
|
DDTD143TC DDTD143EC DDTD143EC-7 DDTD123EC DDTD123E |
From old datasheet system NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silver Mica Capacitor; Capacitance:10pF; Capacitance Tolerance: 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
AD1812JST AD1812JS |
SoundPort Controller ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
http:// Analog Devices, Inc.
|
BL-XA1361-F8 BL-XF0361-F8 BL-XJB361-F8 BL-XJD361-F |
Silver Mica Capacitor; Capacitance:36pF; Capacitance Tolerance: /- 2%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:2uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.6mm; Leaded Process Compatible:No RoHS Compliant: No DSUB CONN 9POS (DB9) 轴向LED节能灯与轭铅 AXIAL LED LAMPS WITH YOKE LEAD 轴向LED节能灯与轭铅
|
Yellow Stone Corp 早安股份有限公司 Yellow Stone, Corp.
|
CAS1A4.7PF/-0.5PF300V CAS1B6.8PF/-0.5PF300V CAS1B4 |
CAPACITOR, MICA, 300 V, 0.0000047 uF, SURFACE MOUNT CHIP CAPACITOR, MICA, 300 V, 0.0000068 uF, SURFACE MOUNT CHIP
|
SPC Technology
|
UC55 |
Chip Mica Capacitor 5.7x5 size
|
Soshin
|
BL-XA1361 BL-XF0361 BL-XJB361 BL-XJD361 BL-XJF361 |
D-Subminiature Connector; Gender:Male; No. of Contacts:9; Contact Termination:Through Hole; D Sub Shell Size:DB9; Body Material:Steel; Contact Plating:Gold Flash; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Silver Mica Capacitor; Capacitance:33pF; Capacitance Tolerance: 5%; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No BRACKET RoHS Compliant: Yes AXIAL LED LAMPS 轴向LED节能
|
Yellow Stone Corp 早安股份有限公司 Yellow Stone, Corp.
|
|