PART |
Description |
Maker |
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
IE-78098-NS-EM1 |
78K/0 series in-circuit emulator
|
NEC
|
IE-780862-NS-EM1 |
78K/0 series in-circuit emulator emulation board
|
NEC
|
IE-789046-NS-EM1 |
78K/0S series in-circuit emulator emulation board
|
NEC
|
IE-789306-NS-EM1 |
78K/0S series in-circuit emulator emulation board
|
NEC
|
IE-789418-NS-EM1 |
78K/0S series in-circuit emulator emulation board
|
NEC
|
UPD78042F UPD78042FGF-XXX-3B9 UPD78043F UPD78043FG |
8-bit microcomputer 78K/0 series incorporating FIP 8-bit microcomputer 78K/0 series incorporating VFD 8-bit single-chip microcomputer with on-chip VFD driver 78K/0 series 8-bit microcomputer with on-chip FIP driver 78K/0 series 100 pin VFD mask ROM 8-bit single-chip microcomputer with on-chip VFD controller/driver 78K/0 series
|
NEC
|
EP-78064 EP-78064GC-R EP-78064GF-R |
78K/0 series emulation probe
|
NEC
|
ID78K0-NS ID78K0S-NS ID78K4-NS USAA13ID78K0S-NS US |
Integrated debugger for the 78K/0 series Integrated debugger for the 78K/0S series Integrated debugger for the 78K/4 series
|
NEC
|
ID78K0 US3R13ID78K0 US3P16ID78K0 US3K13ID78K0 US3K |
Integrated debugger for the 78K/0 series
|
NEC
|
UPD780205AGF-XXX-3BA UPD780204AGF-XXX-3BA |
78K/0 series 100-pin VFD mask ROM 78K/S series 100-pin VFD mask ROM
|
NEC
|
B71N5XXXX B71N4H02T B71N4H03T B71N4H04T B71N4H05T |
SERIES 71 Flash-mount Printed Circuit Board Headers (5mm and 10mm for Series 51 Plug-in Connector) 71系列闪存装入系列51插入式连接器印刷电路板头5毫米0毫米 SERIES 71 Flash-mount Printed Circuit Board Headers (5mm and 10mm for Series 51 Plug-in Connector) 71系列闪存装入系列51插入式连接器印刷电路板头毫米0毫米 Temperature/RH USB Datalogger; Features:Two programmable alarm threshholds; Sample Rate:Programmable RoHS Compliant: NA 71系列闪存装入系列51插入式连接器印刷电路板头5毫米0毫米
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|