PART |
Description |
Maker |
070US0U0250B 065US3U1600B |
ELECTRIC FUSE, 250A, 700VAC, 700VDC, 170000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1600A, 650VAC, 650VDC, 160000A (IR), INLINE/HOLDER
|
WESTCODE SEMICONDUCTORS LTD
|
FWP-2.5A14FA |
ELECTRIC FUSE, 2.5A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
A070UD30KI450 MERSEN-A070UD32KI450 |
ELECTRIC FUSE, 450A, 700VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
FWP-63A22F |
ELECTRIC FUSE, 63A, 700VAC, 500VDC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
060US2D1250B 055UR3D2250B 055US2D1600B |
ELECTRIC FUSE, 1250A, 600VAC, 600VDC, 150000A (IR), INLINE/HOLDER ELECTRIC FUSE, 2250A, 550VAC, 550VDC, 110000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1600A, 550VAC, 550VDC, 130000A (IR), INLINE/HOLDER
|
WESTCODE SEMICONDUCTORS LTD
|
5URB000D08L/400 6.6GRB000D08V/063 6.6GRB000D08V/04 |
ELECTRIC FUSE, 400A, 500VAC, 120000A (IR), INLINE/HOLDER ELECTRIC FUSE, 63A, 660VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 660VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 500VAC, 120000A (IR), INLINE/HOLDER
|
Air Cost Control Mersen
|
F0402G0R15FNTR F0402G0R10FNTR F0402G0R20FNTR F0402 |
ELECTRIC FUSE, 0.15A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.1A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.2A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.075A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.125A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.062A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.05A, 32VAC, 32VDC, SURFACE MOUNT PC Board Fuse; Current Rating:0.25A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No PC Board Fuse; Current Rating:2A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No
|
AVX, Corp. AVX CORP
|
CNL80 NN300 CNL40 |
ELECTRIC FUSE, 80A, 80VAC, 80VDC, 2500A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 130VAC, 75VDC, 2500A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 80VAC, 80VDC, 2500A (IR), INLINE/HOLDER
|
MERSEN
|
LPS-RK-100SP LPS-RK-110SP LPS-RK-125SP LPS-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 100A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 450A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER Dual-Element, Time-Delay Fuses
|
Cooper Bussmann, Inc.
|
NSD10 NSD20M32 |
Fuses ELECTRIC FUSE, 10A, 550VAC, 80000A (IR), INLINE/HOLDER ELECTRIC FUSE, 32A, 415VAC, 80000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
BK/S500-3.15-R BK/S500-1.6-R BK/S500-250-R S500-10 |
FUSE 3.15A 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 1.6A 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 250MA 250V FAST GLASS S500 FAST BLOW ELECTRIC FUSE, 0.25A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 10 FAST BLOW ELECTRIC FUSE, 10
|
Cooper Bussmann, Inc.
|
|