PART |
Description |
Maker |
FE-CAP |
Fail-Safe Floating Electrode MLCCFE-CAP / X7R Dielectric
|
Kemet Corporation
|
C0402S181J1RAC C0402S181J2RAC C0402S181J3RAC C0402 |
Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
|
Kemet Corporation
|
MAX3430 MAX3430CPA MAX3430CSA MAX3430EPA MAX3430ES |
/-80 V fault-protected, fail-safe, 1/4-unit load, 3.3 V,RS-485 transceiver 80V Fault-Protected / Fail-Safe / 1/4-Unit Load / #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver 【80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver " /-80V Fault-Protected, 3.3 V Single supply, Fail Safe, 1/4-Unit load, RS-485 Tranceiver." 80V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ??0V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX3440E MAX3440EAPA MAX3440EASA MAX3440EEPA MAX34 |
15kV ESD-Protected, 60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers " ?0V Fault-Protected, 10Mbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" "?0V Fault-Protected, ?5kV ESD Protected, 10Mbps, Fail-Safe RS-485 Transceiver with Shutdown" "?0V Fault-Protected, 250kbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" 15kV ESD-Protected 60V Fault-Protected 10Mbps Fail-Safe RS-485/J1708 Transceivers 15kV ESD-Protected / 60V Fault-Protected / 10Mbps / Fail-Safe RS-485/J1708 Transceivers 【15kV ESD-Protected, 【60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX9172ETA MAX9171 MAX9171_07 MAX9171EKA-T MAX9171 |
Single/Dual LVDS Line Receivers with “In-Path?Fail-Safe Single/Dual LVDS Line Receivers with “In-Path Fail-Safe Single/Dual LVDS Line Receivers with “In-Path” Fail-Safe Single/Dual LVDS Line Receivers with "In-Path" Fail-Safe LINE RECEIVER, PDSO8
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LQFP100 LQFP144 |
Fail safe protection
|
STMicroelectronics
|
AN1690 |
Fail-safe biasing for ST485EB
|
STMicroelectronics
|
ISL3259EIBZ ISL3259E08 ISL3259EIRZ ISL3259EIUZ |
15kV ESD Protected, 100Mbps, 5V, PROFIBUS, Full Fail-safe, Transceivers 【15kV ESD Protected, 100Mbps, 5V, PROFIBUS㈢, Full Fail-safe, RS-485/RS-422 Transceivers ±15kV ESD Protected, 100Mbps, 5V, PROFIBUS?, Full Fail-safe, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
5962-9161202MZX 5962-9161207MUX 5962-9161206MZX 59 |
x4 SRAM 3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers x4的SRAM
|
Winbond Electronics, Corp. OKI SEMICONDUCTOR CO., LTD. Vicor, Corp. TE Connectivity, Ltd.
|
T496D156M020AH4095 T496D156M025AH4095 T496D106M025 |
Fail-Safe Fused Tantalum Surface Mount Capacitor
|
http://
|
U6809BNBSP U6809B |
Fail-Safe IC (for ABS and general purpose) From old datasheet system
|
Atmel Corp
|
|