PART |
Description |
Maker |
MIC4421A MIC4421AAM MIC4421ABM MIC4421ABN MIC4421A |
High peak-output current: 9A Peak (typ.) 9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
|
MIC GROUP RECTIFIERS Micrel Semiconductor
|
ASM3P623S00FG-16-TT ASM3I623S00AF-08-SR ASM3I623S0 |
Zero Cycle Slip Peak EMI reduction IC HDWR,HEATSINK FOR D2-PAK/TO-263, SMD Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 PS EXT MED 10.2W 12V @ 0.85A 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 PS EXT MED 10.2W 12V @ 0.85A 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Flat / Ribbon Cable; Number of Conductors:10; Pitch Spacing:0.05"; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Approval Bodies:UL RoHS Compliant: Yes TOOL POSITIONER FOR 616336 TOOL INSERT PLIER MILITARY PT Dust Cover; For Use With:Anderson Power SB175 Series Connectors; Color:Red Dust Cover; For Use With:Anderson Power SB50 Series Connectors; Color:Red TOOL EXTRACTION #4 CONTACT PLAST PWR SPLY EXT MED 10W 9V @ 1.1A SHIELDED RIBBON CABLE, TWIST N FLAT, 1.27MM TWISTED PAIR, 28AWG, PVC PWR SPLY EXT MED 10W 5V @ 2A
|
Alliance Semiconductor, Corp. 时钟及定 ALSC[Alliance Semiconductor Corporation] http:// Alliance Semiconductor ...
|
BL0709-18-76 |
28 mm x 28 mm LED cluster. Super bright red (peak wavelength 660 nm), blue (peak wavelength 430 nm), super bright green (peak wavelength 565 nm). Lens type water clear.
|
Kingbright Electronic
|
ULTRAMOV |
The UltraMOV? Metal Oxide Varistor Series is designed for applications requiring high peak surge current ratings
|
Littelfuse
|
1N191 |
Gold Bonded Germanium Diode(Peak Inverse Voltage : 90V, Peak Forward Current : 500mA)
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] BKC International Electronics Microsemi
|
ASS-ASB |
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
|
StarHope
|
BT137F-600 BT137F |
600V Vdrm 8A Triac, 1.6V Peak On-State Voltage, 1.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
BT236-D BT2.6-D |
600V Vdrm 6A Triac, 1.6V Peak On-State Voltage, 1.0mA Repetitive Peak Off-State Current Sensitive Gate Triacs
|
SEMIWELL[SemiWell Semiconductor]
|
BT134-D |
600V Vdrm 4A Triac, 1.7V Peak On-State Voltage, 0.5mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
BT138-600 BT138 |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SemiWell Semiconductor
|
APTB1615SRPGWPR |
1.6 x 1.5 mm bi-color SMD chip LED lamp. Super bright red (peak wavelength 660 nm), pure green (peak wavelength 555 nm). Lens type white diffused.
|
Kingbright Electronic
|