PART |
Description |
Maker |
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
CY62136FV30LL-45BVXI CY62136FV30LL-45BVXIT CY62136 |
2-Mbit (128 K 16) Static RAM
|
Cypress
|
CY62128ELL-45SXI CY62128ELL-45ZAXI CY62128ELL-45SX |
1-Mbit (128 K x 8) Static RAM 1-Mbit (128 K × 8) Static RAM
|
Cypress Semiconductor
|
CY62137FV30 CY62137FV30LL-45BVXI CY62137FV30LL-45B |
2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
|
Cypress Semiconductor
|
CY7C1011CV33-10ZSXA |
2-Mbit (128 K × 16) Static RAM 360 mW (max) (Industrial and Automotive-A)
|
Cypress Semiconductor
|
CY7C1019D-10ZSXI CY7C1019D-10VXI |
1-Mbit (128 K × 8) Static RAM CMOS for optimum speed/power
|
Cypress Semiconductor
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
UPD4264405G5-A50-7JD UPD4265405G5-A50-7JD UPD42S65 |
2-Mbit (128K x 18) Flow-Through SRAM with NoBL Architecture x4 EDO Page Mode DRAM 512K (32K x 16) Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) 128K x 8 Static RAM 128K的8静态RAM
|
Omron Electronics, LLC
|
CY62168DV3009 CY62168DV30LL-55BVI |
16-Mbit (2M x 8) MoBL垄莽 Static RAM 16-Mbit (2M x 8) MoBL Static RAM
|
Cypress Semiconductor
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|