PART |
Description |
Maker |
ODN9-5725 |
MOBILE STATION ANTENNA
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
BNCQ KD14512HW KD12406 KD12512 |
MOBILE STATION ANTENNA
|
RADIALL S A
|
AN2450000707051B AN2450000707051F AN2450000707051K |
2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b 2550 MHz - 2650 MHz MOBILE STATION ANTENNA, 1.2 dBi GAIN
|
List of Unclassifed Man... http:// List of Unclassifed Manufacturers ETC YAGEO CORP
|
APD1512-244ST02 APD1512-244ST01 |
2400 MHz - 2484 MHz MOBILE STATION ANTENNA, 2.1 dBi GAIN
|
Mitsubishi Materials, Corp.
|
ASPS177 ASP446 |
130 MHz - 174 MHz MOBILE STATION ANTENNA, 5.15 dBi GAIN
|
|
DS-GPSMG-2 |
A compact Antenna for GPS applications where high performance is required from a small size. The antenna includes a Low Noise Amplifier and incorporates both magnetic mount and screw fixings.
|
rfsolutions.ltd
|
MA203AAB035 MA203.A.AB.035 |
MA.203 Stingray GPS/Cellular Adhesive Antenna GPS-High gain LNA up to 32dB
|
List of Unclassifed Manufac... Taoglas antenna solutio...
|
1307036 ANP-C-114-5 ANP-C-114-4 |
1573 MHz - 1577 MHz GPS ANTENNA, 3.5 dBi GAIN The Powerpuck 在Powerpuck Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061, CSA Type AWM; Conductor Material:Copper RoHS Compliant: Yes The Powerpuck GPS Antenna
|
M/A-COM Technology Solutions, Inc. Tyco Electronics
|
RT8N0F-0180-014 RT8N0F-0190-014 RT8N0F-0150-017 RT |
1700 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 14 dBi GAIN 1425 MHz - 1535 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN 1700 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN 1425 MHz - 1535 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 13.5 dBi GAIN 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17 dBi GAIN
|
CommScope, Inc.
|
ANP-C-111-X ANP-C-112-X ANP-C-111 ANP-C-112 |
1575 MHz, Commercial airborne GPS antenna Commercial Airborne GPS Antennas 商用机载GPS天线
|
MA-Com
|
ANT-JX2 |
GPS Antenna
|
MITSUMI[Mitsumi Electronics, Corp.]
|