PART |
Description |
Maker |
ADSP-21060LCB-133 ADSP-21060LCBZ-133 ADSP-21060KSZ |
48-BIT, 33.33 MHz, OTHER DSP, PBGA225 PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PBGA225 ROHS COMPLIANT, PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PQFP240 ROHS COMPLIANT, MS-029GA, MQFP-240 48-BIT, 33.33 MHz, OTHER DSP, CQFP240 CERAMIC, QFP-240
|
Analog Devices, Inc.
|
ADSP-21MSP50AKG-52 ADSP-21MSP56AKS-52 ADSP-21MSP55 |
24-BIT, 13 MHz, MIXED DSP, CPGA144 PGA-144 24-BIT, 13 MHz, OTHER DSP, PQFP100 PLASTIC, QFP-100
|
Analog Devices, Inc.
|
DSP320C10-25I/L DSP320C10-25/L DSP320CM10-25/L DSP |
16-BIT, 25.6 MHz, OTHER DSP, PQCC44 PLASTIC, LCC-44 16-BIT, 14.4 MHz, OTHER DSP, PDIP40
|
Ecliptek, Corp.
|
ADSP-2191MKCA-160X ADSP-2191MKST-160X |
16-BIT, 160 MHz, OTHER DSP, PBGA144 10 X 10X 1.25 MM, MINI, BGA-144 16-BIT, 160 MHz, OTHER DSP, PQFP144 METRIC, PLASTIC, TQFP-144
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADSP-2196MBCA-140 ADSP-2196MBST-140X ADSP-2196MBCA |
DSP Microcomputer ADSP-2196 16-bit Fixed-Point DSP 16-bit Fixed-Point DSP, 160 MIPS, 40 Kbytes RAM
|
Analog Devices, Inc.
|
CS48520-CQZ CS48560-CQZ CS48560-DQZ |
Audio DSP IC; Series:CS48500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:2.5V RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:48-QFP; Leaded Process Compatible:Yes; MIPS:150; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes 0-BIT, 27 MHz, OTHER DSP, PQFP48
|
Cirrus Logic, Inc.
|
ADSP-2105BPZ-80 |
24-BIT, 20 MHz, OTHER DSP, PQCC68
|
ANALOG DEVICES INC
|
XC8101M1250C |
64-BIT, 62.5 MHz, OTHER DSP, PBGA332
|
MOTOROLA INC
|
XC56602PV60 |
24-BIT, 60 MHz, OTHER DSP, PQFP144
|
MOTOROLA INC
|
AD21365WYSWZ2XXA AD21366WYSWZ2XXA AD21364WYSWZ2XX |
16-BIT, 33.33 MHz, OTHER DSP, PQFP144 ROHS COMPLIANT, MO-026BFB-HD, LQFP-144 High Precision 32-Bit Floating-Point SHARC Processor for Professional Audio; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High Performance 32-Bit Floating-Point SHARC Processor for Automotive Audio; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High Precision 32-Bit Floating-Point SHARC Processor for Professional Audio; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Comm. 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Comm. 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for Home Theater; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Ind 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 High-Performance 32-bit Floating-Point SHARC Processor for Home Theater; Package: 144 ld LQFP-EP (20X20mm w/8.8mm Exposed Pad); No of Pins: 144; Temperature Range: Comm. 16-BIT, 55.55 MHz, OTHER DSP, PQFP144 SHARC Processors
|
Analog Devices, Inc.
|
MC56F8335VFGE |
4-BIT, 120 MHz, OTHER DSP, PQFP128
|
FREESCALE SEMICONDUCTOR INC
|
|