PART |
Description |
Maker |
74ALVC162334PA 74ALVC162334PAG |
ALVC/VCX/A SERIES, 16-BIT DRIVER, TRUE OUTPUT, PDSO48 TSSOP-48 ALVC/VCX/A SERIES, 16-BIT DRIVER, TRUE OUTPUT, PDSO48 GREEN, TSSOP-48
|
Integrated Device Technology, Inc.
|
74ALVCH16600DL-T |
ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
NXP SEMICONDUCTORS
|
74ALVC16839 74ALVC16839MTD |
Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, 20-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVC162334PF IDT74ALVC162334PA IDT74ALVC16233 |
3.3V CMOS 16-Bit Universal Bus Driver with 3-State Outputs ALVC/VCX/A SERIES, 16-BIT DRIVER, TRUE OUTPUT, PDSO48 TVSOP-48
|
IDT Integrated Device Technology, Inc.
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVC8605 74ALVC86MTCXNL 74ALVC86MTC 74ALVC86 74A |
Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX32BQX 74VCX32 74VCX32MTC 74VCX32M 74VCX32MX 7 |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs; Package: SOIC; No of Pins: 14; Container: Tape & Reel ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74ALVCH2245 74ALVCH2245MTC 74ALVCH2245WM 74ALVCH22 |
BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Low Voltage Bidirectional Transceiver with Bushold and 26з Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26 Series Resistors in B Outputs From old datasheet system Low Voltage Bidirectional Transceiver with Bushold and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26 Ohm Series Resistors in B Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCH16245PA |
IC,BUS TRANSCEIVER,DUAL,8-BIT,AVC/ALVC-CMOS,TSSOP,48PIN,PLASTIC
|
idt
|
BCP56M |
NPN Silicon AF Transistor for AF driv...
|
Infineon
|
TC4423 TC4424 TC4425 |
The TC4423/4424/4425 are higher output current versions of the new TC4426/4427/4428 buffer/drivers, which, in turn, are improved versions of the earlier TC426/427/428 series. All three families are pin-compatible. The TC4423/4424/4425 driv
|
Microchip
|