PART |
Description |
Maker |
DBB08 DBB08G-TM-E |
0.8A Single-Phase Bridge Rectifi er
|
ON Semiconductor
|
APT75DL60B APT75DL60BG APT75DL60S APT75DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CD214A-B240LLF |
Schottky Barrier Rectifi er Chip Diode
|
Bourns Electronic Solut...
|
CMIDSH1-3 PB-CMIDSH1-1509 |
CMJ0130_CMJH180 1.0A, 30V Low VF Schottky Rectifi er
|
Central Semiconductor Corp Central Semiconductor C...
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
CPD2410 |
Fast Recovery Rectifier 1 Amp Glass Passivated Rectifi er Chip
|
Central Semiconductor Corp
|
CBRHDSH1-200 CBRLD1SERIES |
SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER 1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package 1.0A, 200V thru 1000V Bridge Rectifi ers
|
Central Semiconductor Corp
|
SDR956MZ SDR953M SDR953MZ SDR954M SDR955M SDR955MZ |
50 A, 600 V, SILICON, RECTIFIER DIODE, TO-254AA 50 A, 300 V, SILICON, RECTIFIER DIODE, TO-254AA 50A, 35nsec, 300-600 V Hyper Fast Rectifier 50 A, 400 V, SILICON, RECTIFIER DIODE, TO-254AA
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
UF8J |
SURFACE MOUNT ULTRAFAST RECTIFI ER VOLTAGE - 50 to 1000 Volts CURR ENT - 8.0 Amperes
|
Yea Shin Technology Co., Ltd
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
1N3161 1N3161R 1N3162 1N3162R 1N3163 1N3163R 1N316 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 240 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 300 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|