PART |
Description |
Maker |
P01406N |
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
|
Tripp Lite. All Rights ...
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PMFPB8032XP PMFPB8032XP-15 |
20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
|
NXP Semiconductors
|
SGL160N60UFD SGL160N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 160 A, 600 V, N-CHANNEL IGBT, TO-264AA Ultrafast IGBT Discrete, High Performance IGBT with Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PX0686/SE PX0716/48 PX0587 PX0587/SE PX0588 |
EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
|
Elektron Components Ltd.
|
BUZ41A C67078-S1306-A3 BUZ41AC67078-A1306A3 |
320 output dot-matrix display driver SIPMOS ? Power Transistor From old datasheet system SIPMOS POWER TRANSISTOR (N CHANNEL ENHANCEMENT MODE AVALANCHE-RATED)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
LCD-320G240C08 |
320 x 24 Dots Graphic LCD
|
Vishay Siliconix
|
LCD-320G240C 320G240C |
320 x 24 Dots Graphic LCD
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
HT2501UL |
LCD MODULE (320 x RGB x 240)
|
HYES Optoelectronics
|
LCD-480X320A |
480 x 320 Dots Graphic LCD
|
Vishay
|