PART |
Description |
Maker |
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
MTD1P50E |
TMOS POWER FET 1.0 AMPERES 500 VOLTS 15 OHM 1 A, 500 V, 15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Motorola, Inc
|
CW1XCT52A0.015OHMJ CW1XCT52A0.024OHMJ CW1XCT52A0.0 |
RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.015 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.024 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.027 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.016 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.036 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.011 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.012 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.018 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.039 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.043 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.013 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 5 %, 500 ppm, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 3 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 2 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 1 W, 1 %, 50 ppm, 6.04 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, WIRE WOUND, 3 W, 1 %, 50 ppm, 0.604 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
IRF9620 FN2283 |
3.5A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET 3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET 3.5A 200V 1.500 Ohm P-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRFD9220 FN2286 |
600 mA, 200 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET From old datasheet system 0.6A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET
|
Intersil Corporation
|
PPF450M |
N Channel MOSFET; Package: TO-254; ID (A): 8; RDS(on) (Ohms): 0.42; PD (W): 150; BVDSS (V): 500; Rq: 0.83; 12 A, 500 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
PPF440M |
N Channel MOSFET; Package: TO-254; ID (A): 5; RDS(on) (Ohms): 0.85; PD (W): 125; BVDSS (V): 500; Rq: 1; 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
RFP2N20L FN2875 |
2A/ 200V/ 3.500 Ohm/ Logic Level/ N-Channel Power MOSFET 2A 200V 3.500 Ohm Logic Level N-Channel Power MOSFET From old datasheet system 2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
IRC830 |
4.5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
VISHAY INTERTECHNOLOGY INC
|
2SK3200 |
10 A, 500 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
SANKEN ELECTRIC CO LTD
|
2SK2644-01 |
18 A, 500 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FUJI ELECTRIC CO LTD
|
|