PART |
Description |
Maker |
LT1782 LT1782CS5 LT1782CS6 |
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
|
LINER[Linear Technology]
|
LT1797IS5 |
10MHz/ Rail-to-Rail Input and Output Op Amp in SOT-23
|
Linear Technology
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
AD860103 AD8602DRM-REEL AD8601ART-REEL7 AD8601DRT- |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
|
Analog Devices
|
AD5310BRTZ-REEL AD5310BRM AD5310BRTZ-500RL7 AD5310 |
2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
|
Analog Devices
|
LT1797CS5-PBF LT1797CS5-TRPBF LT1797IS5-PBF LT1797 |
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 11 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
APX321SEG-7 APX358SG-13 APX358M8G-13 APX324TSG-13 |
Low Voltage, Rail-to-Rail Input and Output Dual Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Quad Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO5
|
Diodes Incorporated
|
LT1716 LT1716CS5 LT1716HS5 LT1716IS5 |
Microprocessor Crystal; Frequency:24.576MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator SOT-23, 44V, Over-the-Top, Micropower, Precision, Rail-to-Rail Comparator
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1783IS5 LT1783HS6PBF LT1783CS6TRM LT1783CS6PBF |
Operational Amplifier 1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40° to 125°C OP-AMP, 3100 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO6 1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 1050 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|