PART |
Description |
Maker |
1.5KA9.1A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA1 |
Automotive Transient Voltage Suppressors Breakdown Voltage 43V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 8.2V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 9.1V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 7.5V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 6.8V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 39V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 36V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 33V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 30V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 27V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 24V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 22V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 20V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 18V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 16V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 15V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 13V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 12V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 11V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 10V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors 汽车瞬态电压抑制器
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
FDC60-12D05 FDC60-24S05 FDC60-48D15 FDC60 FDC60-12 |
Input range:9-18 VDC;output voltage:3.3/5 VDC; output current:6/6 A;input current:5770 mA; 60 W DC-DC converter 60 WATTS OUTPUT POWER KIT, MACHXO 2280C, EVAL BOARD
|
Power Mate Technology List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
IRFR3710Z IRFU3710Z |
100V Single N-Channel Automotive HEXFET Power MOSFET in a I-Pak package AUTOMOTIVE MOSFET Specifically designed for Automotive applications, this HEXFET Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resi
|
IRF[International Rectifier]
|
MAX16910CASAV MAX16910CATAV MAX1691011 |
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator Automotive Qualified
|
Maxim Integrated Products
|
VCAS04LC18V500 |
StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
|
AVX Corporation
|
BLM18PG300SH1D |
For Automotive Chip Ferrite Bead for Automotive
|
Murata Manufacturing Co., Ltd.
|
BLM21BB050SH1 BLM21BB121SH1 BLM21BB151SH1 BLM21BD1 |
For Automotive Chip Ferrite Beads for Automotive
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
BLM21PG221SH1D |
For Automotive Chip Ferrite Beads for Automotive
|
Murata Manufacturing Co., Ltd.
|
RD25050-W-AU RD25100-W-AU RD251000-W-AU RD25200-W- |
50 V, 25 A, rectifier automotive die 100 V, 25 A, rectifier automotive die 1000 V, 25 A, rectifier automotive die 200 V, 25 A, rectifier automotive die
|
TRANSYS Electronics Limited
|
ATMEGA16M1 ATMEGA16M1AUTO ATMEGA32C1 ATMEGA64M1 |
Automotive Specification at 150掳C Automotive Specification at 150°C
|
ATMEL Corporation
|
GABJ351-15 |
Press Fit Automotive Rectifier Voltage Range 100 to 600Volts Current 35 Amps Press Fit Automotive Rectifier
|
GOOD-ARK Electronics
|