PART |
Description |
Maker |
BC637L34Z BC637D26Z |
NPN Epitaxial Silicon Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2N3109 2N3109E4 |
1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device
|
SEMELAB LTD SEME-LAB
|
SFBFX86 BFX86 BFX86.MODE4 |
1000 mA, 35 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device
|
SEMELAB LTD SEME-LAB[Seme LAB]
|
2N3110 2N3110.MODE4 |
1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device in a Hermetically sealed TO39
|
SEMELAB LTD Seme LAB
|
BSY86 BSY83 BSY84 |
1000 mA, 64 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 1000 mA, 35 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
|
KSD1021OJ18Z KSD1021OJ05Z |
1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
FMMT489TA |
1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
2N5682.MODE1 |
1000 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
SEMELAB LTD
|
ZTX360 |
1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
|
Diodes Incorporated ETC[ETC] http:// Electronic Theatre Controls, Inc. ZETEX PLC
|
BC639-16 BC637 |
High Current Transistor NPN Silicon(硅NPN大电流晶体管) 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
|