PART |
Description |
Maker |
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
ACTF2M32A ACT-D2M32A-090F18C ACT-D2M32A-090F18I AC |
Quad, Simultaneous Sampling, 16-Bit Analog-to-Digitalconverter 64-HTQFP -40 to 85 行为F2M32A高4兆扇区擦除闪存多芯片模块 FUSE 3/4A 250V FAST PCTRON SHORT 行为F2M32A高4兆扇区擦除闪存多芯片模块 Quad 2-input positive-NAND Schmitt triggers 14-SOIC 0 to 70 行为F2M32A高4兆扇区擦除闪存多芯片模块 ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module 行为F2M32A高4兆扇区擦除闪存多芯片模块 FUSE 2-1/2A 250V FAST PCTRN SHRT 行为F2M32A高4兆扇区擦除闪存多芯片模块 8-Line To 1-Line Data Selectors/Multiplexers 16-SO 0 to 70 connector Dual 4-Line To 1-Line Data Selectors/Multiplexers 16-SOIC 0 to 70 High Dynamic Range Delta-Sigma Modulator 16-SOIC 8-Line To 1-Line Data Selectors/Multiplexers 16-PDIP 0 to 70 Quad 2-input positive-NAND Schmitt triggers 14-PDIP 0 to 70 8-Line To 1-Line Data Selectors/Multiplexers 16-SOIC 0 to 70 Octal, Simultaneous Sampling, 16-Bit Analog-to-Digitalconverter 64-HTQFP -40 to 85 901220930
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
CY7C1380BV25-150BGC CY7C1382BV25-133BGC CY7C1382BV |
512K x 36 / 1 Mb x 18 Pipelined SRAM FUSE, FAST ACTING, 250MA; Current, fuse rating:250mA; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse RoHS Compliant: Yes FUSE, FAST ACTING, 5A; Current, fuse rating:5A; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, UL; Current, breaking capacity AC:50A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse type, blowing RoHS Compliant: Yes FUSE, TIME DELAY, 100MA; Current, fuse rating:100mA; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse RoHS Compliant: Yes FUSE, FAST ACTING, 500MA; Current, fuse rating:500mA; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse RoHS Compliant: Yes FUSE, FAST ACTING, 2A; Current, fuse rating:2A; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse type, RoHS Compliant: Yes
|
Cypress Semiconductor Corp.
|
SR-5F-1A-AP SR-5F-3.15A-AP SR-5F-8A-AP SR-5F-6.3A- |
PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 2A, 250VAC, 50A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 50A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
STD4 STD2 |
:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes ELECTRIC FUSE, 2A, 240VAC, 33000A (IR), INLINE/HOLDER Leaded Cartridge Fuse; Current Rating:2.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
C519-1.5-R C519-1.25-R |
Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes Cartridge Fuse; Current Rating:1.25A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:15mm; Packaging:Bulk; Series:C519; Voltage Rating:250V RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
GSA GSA1-R GSA700-R GSA500-R GSA3-R GSA7-R GSA8-R |
Slow Blow Fuse Series Fuses, RoHS 4A 250V SB UL CERAMIC SLOW BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 160mA 250V SB UL CERM LEAD
|
Bel Fuse Inc. Bel Fuse, Inc.
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
0275020.MRT1L 0275030.MRT1L 0275030.MXL 0275030.VX |
275 Series, PICO , Very Fast-Acting Fuse VERY FAST BLOW ELECTRIC FUSE, 30A, 32VAC, 32VDC, 100A (IR), THROUGH HOLE
|
Littelfuse
|
5STP1 5STP10 5STP100 5STP160 5STP2 5STP2.5 5STP200 |
Fuses, 63mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 4A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 35A (IR), INLINE/HOLDER TIME-LAG FUSE SERIES (LOW BREAKING CAPACITY)
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
|