PART |
Description |
Maker |
A065URD73LI1800 A090URD73LI1400 A120URD73LI0800 A1 |
VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1400A, 900VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 800A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 400A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 500A, 1200VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
L562/PCB/2.5A L562/PCB/4A L562/PCB/1A L562/PCB/100 |
FAST BLOW ELECTRIC FUSE, 2.5A, 150VAC, 150VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 4A, 60VAC, 60VDC, 40A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 1A, 150VAC, 200VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.1A, 250VAC, 900VDC, 35A (IR), INLINE/HOLDER
|
Dialight Europe, Ltd. DIALIGHT BLP COMPONENTS LTD
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
L15S200 L60S800 KLA50 |
FAST BLOW ELECTRIC FUSE, 200A, 150VAC, 100VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 800A, 600VAC, 200000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 50A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
|
LPS-RK-100SP LPS-RK-110SP LPS-RK-125SP LPS-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 100A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 450A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER Dual-Element, Time-Delay Fuses
|
Cooper Bussmann, Inc.
|
6.9URD000PV0040 6.9URD0PV0063 6.9URD1PV0200 6.9URD |
ULTRA FAST BLOW ELECTRIC FUSE, 40A, 690VAC, 80000A (IR), INLINE/HOLDER ULTRA FAST BLOW ELECTRIC FUSE, 63A, 690VAC, 170000A (IR), INLINE/HOLDER ULTRA FAST BLOW ELECTRIC FUSE, 200A, 690VAC, 170000A (IR), INLINE/HOLDER ULTRA FAST BLOW ELECTRIC FUSE, 160A, 690VAC, 170000A (IR), INLINE/HOLDER
|
MERSEN
|
5MF8-R 5MFP8-R 5MF1.5-R 5MFP4-R 5MFP300-R 5MFP125- |
Fuses, RoHS 8A 125V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 8A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 1.5A 250V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 4A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 300mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.3A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 125mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.125A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 3.5A 125V F UL GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
KTU-1600 KLU-1600 |
FAST BLOW ELECTRIC FUSE, 1600A, 600VAC, 200000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1600A, 600VAC, 340VDC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
AGU-2 AGU-20 AGU-25 AGU-50 AGU-30 AGU-15 AGU-40 AG |
Fuse 保险 FAST BLOW ELECTRIC FUSE, 30A, 32VAC, INLINE/HOLDER
|
SIEMENS AG COOPER INDUSTRIES
|
|