PART |
Description |
Maker |
19204-0017 19204-0025 19204-0004 19204-0030 19204- |
Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Insulator Color:Blue; Terminal Insulation:Nylon 2 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Insulator Color:Yellow; Terminal Insulation:PVC 5 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Insulator Color:Red; Terminal Insulation:PVC 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Insulator Color:Yellow; Terminal Insulation:Nylon 5 mm2, COPPER ALLOY, WIRE TERMINAL 3-WAY AVIKRIMP CONNECTOR (A-5YC) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL PARALLEL SPLICE NYLON INS (BS-N-304) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
19164-0042 |
Female Disconnect Solderless Terminal; Wire Size (AWG):14-16; Terminal Insulation:Niac Polymer; Contact Material:Brass; Gender:Female; Power Connection Type:Female Disconnect Solderless Terminal 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
19218-0024 |
Battery Ring Tongue Terminal; Wire Size (AWG):1/0 COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
02-06-1131 02-06-5138 02-06-1132 02-06-5148 |
CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE 062 Female Term Chain Brs 30Au 24-30 BRASS, GOLD FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-24; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Female; Pitch Spacing:1.75mm BRASS, TIN FINISH, WIRE TERMINAL 062 Female Term Loose Brs 30Au 24-30
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
35427-9810 0354279810 |
6.00mm (.236) Tab Wire-to-Wire Terminal, Female, One-Piece Type, Wire Range AVS (CAVS) 0.85-1.25mm square (.033-.049), Unplated
|
http:// Molex Electronics Ltd.
|
HVM15 HVP14 HVP12 HVP16 HVM12 VP12 HVM10 HVM14 HVM |
Tools, Pencil Wire wrap; Wire Size (AWG):26; Wrap Terminal Diameter:0.075"; Wrap Terminal Hole Depth:1"; Leaded Process Compatible:Yes RoHS Compliant: Yes HIGH-VOLTAGE DIODES 高压二极
|
涔?北??嚎?佃?浠芥?????稿 LRC[Leshan Radio Company] 乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
35430-1900 |
6.00mm (.236) Tab Wire-to-Wire Terminal, Female, Two-Piece Type, Wire Range AVS (CAVS) 2.00-3.00mm square (.079-.118)
|
Molex Electronics Ltd.
|
0501338100 50133-8100 |
1.25mm (.049) Pitch PicoBlade?/a> Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049) Pitch PicoBlade Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049") Pitch PicoBlade垄芒 Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag MOLEX Connector
|
Molex Electronics Ltd.
|
PV14-610R-M |
Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#6, #8, #10; Insulator Color:Blue; Overall Length:1.17"; Overall Width:0.37"; Pack Quantity:1000; Stud/Tab Size:#6, 8, 10 COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Panduit, Corp.
|
0192110004 192110004 WP-1218T |
Krimptite Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier Krimptite垄芒 Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
|
Molex Electronics Ltd.
|
71719 |
9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 19 Circuits
|
Molex Electronics Ltd.
|
|