PART |
Description |
Maker |
SST55LC100M-45-C-BWE SST55LC100M-45-I-BWE SST55LC1 |
IDE COMPATIBLE, FLASH MEMORY DRIVE CONTROLLER, PBGA84 CompactFlash Card Controller IDE COMPATIBLE, FLASH MEMORY DRIVE CONTROLLER, PQFP100
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
USB97C223-NU USB97C223-NE |
Bus Powered USB 2.0 Flash Media Controller FLASH MEMORY DRIVE CONTROLLER, PQFP128
|
SMSC, Corp.
|
CY7C68034-56LTXC CY7C6803309 CY7C68034-56LFXC |
EZ-USB NX2LP-FlexFlexible USB NAND Flash Controller FLASH MEMORY DRIVE CONTROLLER, QCC56 EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
|
Cypress Semiconductor, Corp.
|
SST85LD0128-120-C-LBZE |
NANDrive IDE COMPATIBLE, FLASH MEMORY DRIVE CONTROLLER, PBGA91
|
Silicon Storage Technology, Inc.
|
USB2244I-AEZG-05 USB2244I-AEZG-06 USB2240I-AEZG-05 |
FLASH MEMORY DRIVE CONTROLLER, QCC36 6 X 6 MM, 0.50 MM PITCH, ROHS COMPLIANT, QFN-36
|
SMSC Corporation SMSC, Corp.
|
SST58LM024-70-C-FRJ SST58SM024-70-C-FSI SST58SM024 |
ER 16C 16#16 PIN PLUG PCMCIA Memory Card IC; Supply Voltage Max:5V; Package/Case:16-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Mounting Type:Surface Mount PWR SUPPLY 350W 3-6V CVR/FAN PCMCIA Memory Card IC; Supply Voltage Max:5V; Package/Case:16-NSOIC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No ER 5C 3#12 2#4 SKT PLUG MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:4.1A; Current, Idm pulse:-30A; Power, Pd:1.3W; Resistance, Rds on:0.042R; SMD:1; Charge, gate p ER 24C 24#16 PIN PLUG ER 5C 3#12 2#4 PIN PLUG CAP, 1UF, TANT, 35V, K, RAD, .100, -55C 85C FLASH MEMORY DRIVE CONTROLLER, XMA ATA-Disk Module FLASH MEMORY DRIVE CONTROLLER, XMA PWR SUPP 350W 6-12V CVR TOP FAN FLASH MEMORY DRIVE CONTROLLER, XMA ATA-Disk Module ATA的磁盘模
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
TS24MP320 TS2GMP320 |
2G/4G x8 Flash Memory 2GB/4GB USB Flash Drive
|
Transcend Information. Inc.
|
E28F004B5T60 E28F004B5T80 28F200B5 E28F400B5B60 E2 |
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2/ 4/ 8 MBIT SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2 / 4 / 8 MBIT Dual-Slot, PCMCIA Analog Power Controller SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 90 ns, PDSO48 DIRECTIONAL COUPLER, 20DB, SMT 256K X 8 FLASH 5V PROM, 70 ns, PDSO48 SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corporation Intel Corp. Intel, Corp.
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
EUA5202QIR0 EUA5202QIR1 |
NAND (SLC) Flash Memory System, 16GB Parallel IDE Solid State Disk Drive NAND (SLC) Flash Memory System, 1GB Parallel IDE Solid State Disk Drive
|
德信科技股份有限公司
|
W39V040A W39V040AQ W39V040AP |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K 】 8 CMOS FLASH MEMORY WITH LPC INTERFACE
|
Winbond Electronics WINBOND[Winbond]
|